Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH3544F Datasheet(PDF) 6 Page - Rohm

Part # BH3544F
Description  Standard Headphone Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3544F Datasheet(HTML) 6 Page - Rohm

Back Button BH3544F_12 Datasheet HTML 2Page - Rohm BH3544F_12 Datasheet HTML 3Page - Rohm BH3544F_12 Datasheet HTML 4Page - Rohm BH3544F_12 Datasheet HTML 5Page - Rohm BH3544F_12 Datasheet HTML 6Page - Rohm BH3544F_12 Datasheet HTML 7Page - Rohm BH3544F_12 Datasheet HTML 8Page - Rohm BH3544F_12 Datasheet HTML 9Page - Rohm BH3544F_12 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.rohm.com
2015.06 - Rev.D
© 2015 ROHM Co., Ltd. All rights reserved.
Technical Note
6/8
BH3544F,BH3547F,BH3548F
Application circuit
5
6
7
8
3
4
VCC
OUT2
BIAS
IN2
47µ
VIN2
90k
90k
6dB
6dB
BIAS
MUTE
TSD
2
1
OUT1
MUTE
IN1
GND
VIN1
100k
330µ
10
VMUTE
H : Active
L : Mute
330µ
VCC
R5
C5
C6
C7
C8
C1
C2
C3
R3
R2
µ
+
+
+
+
Fig. 15
Description of external components
1) Input coupling capacitors (C3, C5)
These are determined according to the lower cutoff frequency fc. Moreover, since lowering the capacitance can cause
the occurrence of pop noise, when changing this, determine it after adequate checking.
Since the input impedance is 90kΩ, these are found by the expressions below, although drift, temperature
characteristics, and other considerations are necessary. (Layered ceramic capacitors are recommended.)
C3(C5)=1/(2π× 90kΩ×fc)
2) Bias capacitor (C6)
When VCC=5V, 47μF is recommended. Since lowering the capacitance too much can cause worsening of electrical
characteristics or the occurrence of pop noise, when changing this, determine it after checking this adequately.
3) Mute pin pop noise countermeasures (R2, C2)
Since BH3544F,BH3548F have an impedance of 190kΩ against GND and the BH3547F has 200kΩ, it may be
impossible to cancel mute mode if R2 is made too large.
4) Output coupling capacitors (C1, C7)
These are determined by the lower cutoff frequency. If RL is the output load resistance (assuming a resistance RX is
put in for output protection or current restriction), these are found by the expression below.
C1(C7)=1/(2π×(RL+Rx)× fc)
5) Input gain adjustment resistances (R3, R5)
Externally attached resistances (R3, R5) make input gain adjustment possible. The gain found by the expression
below can be set.
GVC=6+20log(90kΩ/(90kΩ+R3[R5])) [dB]
When input gain is not accommodated, these resistors have no use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com