Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH3544F Datasheet(PDF) 5 Page - Rohm

Part # BH3544F
Description  Standard Headphone Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3544F Datasheet(HTML) 5 Page - Rohm

  BH3544F_12 Datasheet HTML 1Page - Rohm BH3544F_12 Datasheet HTML 2Page - Rohm BH3544F_12 Datasheet HTML 3Page - Rohm BH3544F_12 Datasheet HTML 4Page - Rohm BH3544F_12 Datasheet HTML 5Page - Rohm BH3544F_12 Datasheet HTML 6Page - Rohm BH3544F_12 Datasheet HTML 7Page - Rohm BH3544F_12 Datasheet HTML 8Page - Rohm BH3544F_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.rohm.com
2015.06 - Rev.D
© 2015 ROHM Co., Ltd. All rights reserved.
Technical Note
5/8
BH3544F,BH3547F,BH3548F
Terminal Equivalent Circuit / Description
Pin
No.
Pin
Name
I /O
Pin voltage
Equivalent circuit
Function
BH3544F, BH3548F
BH3547F
1
7
OUT1
OUT2
O
2.1V
(VCC=5V)
Output pin
2
MUTE
I
0.1V
(When open)
Mute control pin
Active:Hi
Mute:Lo (open)
3
5
IN1
IN2
I
2.1V
(VCC=5V)
Input pin
6
BIAS
I/O
2.1V
(VCC=5V)
Bias pin
(Since the 47 µF
externally attached
capacitor also serves
as the time constant for
pop noise
countermeasures,
evaluate adequately
when changing it.)
4
GND
I
-
-
-
GND pin
8
VCC
I
-
-
-
Power supply pin
The figure in the pin explanation and input/output equivalent circuit is reference value, it doesn’t guarantee the value.
200k
2
VCC
190k
2
VCC
BIAS
6
60k
60k
VCC
VCC
BIAS
6
70k
64k
VCC
VCC
10k
1
7
1
7
10k
1
7
1
7
3
5
90k
BIAS
VCC
3
5
90k
VCC
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com