Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5734-I/MR Datasheet(PDF) 28 Page - Microchip Technology

Part # USB5734-I/MR
Description  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734-I/MR Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB5734-I/MR Datasheet HTML 24Page - Microchip Technology USB5734-I/MR Datasheet HTML 25Page - Microchip Technology USB5734-I/MR Datasheet HTML 26Page - Microchip Technology USB5734-I/MR Datasheet HTML 27Page - Microchip Technology USB5734-I/MR Datasheet HTML 28Page - Microchip Technology USB5734-I/MR Datasheet HTML 29Page - Microchip Technology USB5734-I/MR Datasheet HTML 30Page - Microchip Technology USB5734-I/MR Datasheet HTML 31Page - Microchip Technology USB5734-I/MR Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
USB5734
DS00001854D-page 28
 2015-2016 Microchip Technology Inc.
4.3
SMBus Slave Connections
Figure 4-3 illustrates the device SMBus slave connections. Refer to Section 7.2, "SMBus Slave Interface," on page 34
for additional information on this device interface.
4.4
I2C Bridge Connections
Figure 4-4 illustrates the device I2C bridge connections. Refer to Section 7.3, "I2C Bridge Interface," on page 34 for
additional information on this device interface.
4.5
UART Bridge Connections
Figure 4-5 illustrates the device UART bridge connections. Refer to Section 7.4, "Two Pin Serial Port (UART) Interface,"
on page 35 for additional information on this device interface.
FIGURE 4-3:
SMBUS SLAVE CONNECTIONS
FIGURE 4-4:
I2C BRIDGE CONNECTIONS
FIGURE 4-5:
UART BRIDGE CONNECTIONS
+3.3V
USB5734
SMCLK
SMDAT
SMBus
Master
Clock
Data
10K
+3.3V
10K
+3.3V
10K
+3.3V
10K
I2C_SLV_CFG1
I2C_SLV_CFG0
+3.3V
USB5734
SMCLK
SMDAT
I
2C
Slave
Clock
Data
10K
+3.3V
10K
I2C_SLV_CFG1
I2C_SLV_CFG0
X
X
No
Connect
USB5734
UART_RX
UART_TX
UART
TX
RX
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com