Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5734-I/MR Datasheet(PDF) 14 Page - Microchip Technology

Part # USB5734-I/MR
Description  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734-I/MR Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB5734-I/MR Datasheet HTML 10Page - Microchip Technology USB5734-I/MR Datasheet HTML 11Page - Microchip Technology USB5734-I/MR Datasheet HTML 12Page - Microchip Technology USB5734-I/MR Datasheet HTML 13Page - Microchip Technology USB5734-I/MR Datasheet HTML 14Page - Microchip Technology USB5734-I/MR Datasheet HTML 15Page - Microchip Technology USB5734-I/MR Datasheet HTML 16Page - Microchip Technology USB5734-I/MR Datasheet HTML 17Page - Microchip Technology USB5734-I/MR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
USB5734
DS00001854D-page 14
 2015-2016 Microchip Technology Inc.
Note 3:
Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N (external
chip reset). Configuration straps are identified by an underlined symbol name. Signals that function as con-
figurations traps must be augmented with an external resistor when connected to a load. Refer to Section
3.4, "Configuration Straps and Programmable Functions" for additional information.
Note 4:
The PROG_FUNC2 buffer type is I/O6. The PROG_FUNC7 buffer type is I/O10. All other PROG_FUNCx
pins have a buffer type of I/O12.
Note 5:
Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N (external
chip reset). Configuration straps are identified by an underlined symbol name. Signals that function as con-
figurations traps must be augmented with an external resistor when connected to a load. Refer to Section
3.4, "Configuration Straps and Programmable Functions" for additional information.
1
SPI_DI
IS
SPI data input, when configured for SPI operation.
GPIO9
I/O12
General purpose input/output 9.
CFG_BC_EN
I
Battery Charging Configuration Strap.
This configuration strap is used to enable battery charging. Refer to
Section 3.4.4, "Battery Charging Configuration (CFG_BC_EN)" for
more information.
See Note 3.
TABLE 3-7:
PROGRAMMABLE FUNCTION PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
7
PROG_FUNC[7:1]
Note 4
Programmable function pins 7-1.
The functions of these pins are configured via the CFG_STRAP pin.
Refer to Section 3.4.5, "Device Mode / PROG_FUNC[7:1] Configura-
tion (CFG_STRAP)" for additional information.
1
CFG_STRAP
I
Device Mode Configuration Strap.
This configuration strap is used to set the device mode. Refer to Sec-
tion 3.4.5, "Device Mode / PROG_FUNC[7:1] Configuration
(CFG_STRAP)" for more information.
See Note 5.
TABLE 3-6:
SPI/UART PIN DESCRIPTIONS (CONTINUED)
Num
Pins
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com