Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5734-I/MR Datasheet(PDF) 56 Page - Microchip Technology

Part # USB5734-I/MR
Description  4-Port SS/HS USB Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5734-I/MR Datasheet(HTML) 56 Page - Microchip Technology

Back Button USB5734-I/MR Datasheet HTML 52Page - Microchip Technology USB5734-I/MR Datasheet HTML 53Page - Microchip Technology USB5734-I/MR Datasheet HTML 54Page - Microchip Technology USB5734-I/MR Datasheet HTML 55Page - Microchip Technology USB5734-I/MR Datasheet HTML 56Page - Microchip Technology USB5734-I/MR Datasheet HTML 57Page - Microchip Technology USB5734-I/MR Datasheet HTML 58Page - Microchip Technology USB5734-I/MR Datasheet HTML 59Page - Microchip Technology USB5734-I/MR Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
USB5734
DS00001854D-page 56
 2015-2016 Microchip Technology Inc.
Section 9.7, "Clock
Specifications",Figure 9-6, Table 9-10,
"Crystal Specifications"
Updated these sections.
Section 9.7.2, External Reference
Clock (CLK_IN)
Oscillator changed from “35MHz” to “25 MHz”
Section 9.6.7, SPI Timing
Removed SPI interface configure note
Section 9.1, Absolute Maximum Rat-
ings*
Added “Positive voltage on USB 3.0 USB3UP-
_xxxx and USB3DN_xxxx signal pins, with
respect to ground...1.32 V
Changed XTALI positive voltage from 2.1V to
3.63V.
Changed “USB 3.0 DP/DM Signal Pins Volt-
age” to “USB 3.0 USB3UP_xxxx
and
USB3DN_xxxx Signal Pins Voltage”
Section 8.6.2, "Port Connection in
Combined Mode," on page 38
Added note under Section 8.6.2
Product Identification System on page
59
Updated ordering information
Section 9.1, "Absolute Maximum Rat-
ings*," on page 42
Updated +1.2V supply voltage absolute max
value. Added HBM ESD performance specifi-
cation.
Table 9-1, “Package Thermal Parame-
ters,” on page 43
Added package thermal parameters.
Worldwide Sales and Service
Updated Worldwide Sales Listing
Table 9-4, “I/O DC Electrical Charac-
teristics,” on page 45
Updated I buffer type high input level max.
Added IS buffer type Schmitt trigger hystere-
sis values and note for PROG_FUNC3 pin.
Cover, All
Updated document title to “4-Port SS/HS Con-
troller Hub”
Removed PortMap references.
Removed sentence: ”These circuits are used
to detect the attachment and type of a USB
charger and provide an interrupt output to indi-
cate charger information is available to be
read from the device’s status registers via the
serial interface.“
FIGURE 3-1: 64-VQFN Pin Assign-
ments on page 8
Added configuration strap note under figure.
Table 3-7, “Programmable Function
Pin Descriptions,” on page 14,
Table 3-16, Table 3-17, Table 3-18,
Table 3-19, Table 3-20, Table 3-21
Added note to PROG_FUNC[7:1] buffer type
column, which indicates the following: “The
PROG_FUNC2 buffer type is I/O6. The
PROG_FUNC7 buffer type is I/O10. All other
PROG_FUNCx pins have a buffer type of I/
O12.”
Table 3-16, Table 3-17, Table 3-18,
Table 3-19, Table 3-20, Table 3-21
Updated PROG_FUNC2 and PROG_FUNC7
buffer type definitions to reflect O6 and O10
outputs, respectively.
Table 3-10, “Buffer Types,” on
page 16, Table 9-4, “I/O DC Electrical
Characteristics,” on page 45
Added O10 buffer type
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com