Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 30 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB5532B_15 Datasheet HTML 26Page - Microchip Technology USB5532B_15 Datasheet HTML 27Page - Microchip Technology USB5532B_15 Datasheet HTML 28Page - Microchip Technology USB5532B_15 Datasheet HTML 29Page - Microchip Technology USB5532B_15 Datasheet HTML 30Page - Microchip Technology USB5532B_15 Datasheet HTML 31Page - Microchip Technology USB5532B_15 Datasheet HTML 32Page - Microchip Technology USB5532B_15 Datasheet HTML 33Page - Microchip Technology USB5532B_15 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001679C-page 30
USB5532B
5.5.1
BLOCK WRITE
The block write begins with a slave address and a write condition. After the command code, the host issues a byte count
which describes how many more bytes will follow in the message. If a slave had 20 bytes to send, the first byte would
be the number 20 (14h), followed by the 20 bytes of data. The byte count may not be zero. A block write or read allows
a transfer maximum of 32 data bytes.
For the following SMBus tables:
FIGURE 5-4:
BLOCK WRITE
5.5.2
BLOCK READ
A block read differs from a block write in that the repeated start condition exists to satisfy the I2C specification’s require-
ment for a change in the transfer direction.
FIGURE 5-5:
BLOCK READ
5.5.3
STANDARD SMBUS COMMANDS
There are special commands that can be sent in the place of the 16-bit address bytes. These commands are used to
enumerate the hub, access the configuration registers, or simply reset the device. The commands consist of the 16-bit
command followed by a 00h byte to terminate the command.
FIGURE 5-6:
SMBUS COMMANDS
Denotes Master-to-Slave
Denotes Slave-to-Master
S
Slave Address
SMBus RAM Buffer Offset
Wr
A
17
1
1
16
A
1
...
1
81
Byte Count = N
A
Data byte 1
A
Data byte 2
A
81
1
1
88
Data byte N
A
P
1
S
S
Slave Address
SMBus RAM
Buffer Offset
Wr
17
1
1
16
A
1
Slave Address
Rd
A
71
1
...
A
81
1
1
88
1
81
P
A
A
A
A
Byte Count = N
Data byte 2
Data byte 1
Data byte N
S
Slave Address
OPCODE
Wr
A
17
1
1
16
A
1
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com