Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 37 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB5532B_15 Datasheet HTML 33Page - Microchip Technology USB5532B_15 Datasheet HTML 34Page - Microchip Technology USB5532B_15 Datasheet HTML 35Page - Microchip Technology USB5532B_15 Datasheet HTML 36Page - Microchip Technology USB5532B_15 Datasheet HTML 37Page - Microchip Technology USB5532B_15 Datasheet HTML 38Page - Microchip Technology USB5532B_15 Datasheet HTML 39Page - Microchip Technology USB5532B_15 Datasheet HTML 40Page - Microchip Technology USB5532B_15 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
USB5532B
DS00001679C-page 37
 2012 - 2015 Microchip Technology Inc.
5.6.1.1
Configuration Register Write Example
The following example shows how the SMBus messages will be formatted to set the VID of the hub to a custom value,
AA55h.
1.
Write data to the memory of the hub:
2.
Execute the Configuration Register Access command:
5.6.1.2
Configuration Register Read Example
The following example shows how to read the Charger Detection register to find out what type of charger the hub has
connected to:
1.
Write data to the memory of the hub.
TABLE 5-14:
EXAMPLE SMBUS WRITE COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
00h
Memory address 0000h.
2
00h
Memory address 0000h.
3
06h
Number of bytes to write to memory.
4
00h
Write Configuration Register.
5
02h
Writing two data bytes.
6
30h
VID is in register 3000h.
7
00h
VID is in register 3000h.
8
55h
LSB of Vendor ID AA55h.
9
AAh
MSB of Vendor ID AA55h.
TABLE 5-15:
CONFIGURATION REGISTER ACCESS COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
99h
Command 9937h.
2
37h
Command 9937h.
3
00h
Command Completion.
TABLE 5-16:
EXAMPLE SMBUS WRITE COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
00h
Memory address 0000h.
2
00h
Memory address 0000h.
3
04h
Number of bytes to write to memory.
4
01h
Read Configuration Register.
5
01h
Reading one data bytes.
6
30h
BC Detect is in register 30E2h.
7
E2h
BC Detect is in register 30E2h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com