Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5532B Datasheet(PDF) 33 Page - Microchip Technology

Part # USB5532B
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB5532B_15 Datasheet HTML 29Page - Microchip Technology USB5532B_15 Datasheet HTML 30Page - Microchip Technology USB5532B_15 Datasheet HTML 31Page - Microchip Technology USB5532B_15 Datasheet HTML 32Page - Microchip Technology USB5532B_15 Datasheet HTML 33Page - Microchip Technology USB5532B_15 Datasheet HTML 34Page - Microchip Technology USB5532B_15 Datasheet HTML 35Page - Microchip Technology USB5532B_15 Datasheet HTML 36Page - Microchip Technology USB5532B_15 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
USB5532B
DS00001679C-page 33
 2012 - 2015 Microchip Technology Inc.
5.5.4.2
Set Address (00h)
The set address command will change the SMBus address to the value in Data1 or memory address 0002h. The next
SMBus read will have to account for this change in address.
5.5.4.3
Get Default Address (01h)
This command will always return the default address of the USB5x3xB (2dh).
5.5.4.4
Get Hub Info (02h)
The command will return the status of the hub in Data1. The status byte follows the following format:
5.5.4.5
Get UCS Port Mask(03h)
This will return a mask of which port is assigned a UCS port controller based on the UCS device detection.
5.5.4.6
Port Connect Status (80h)
Data1 of the memory is written by the SMBus master and after the command is executed Data 2-6 will be populated
with the status of each port.
Data1 is a port mask where each bit represents the port status to return. Bit 0 is the upstream port, bit 1 is the down-
stream port 1, etc.
The port connect status byte can be interpreted as follows:
TABLE 5-7:
SET ADDRESS BYTE
SET ADDR
(0X00)
SMBus Address
Bit
Name
R/W
Description
7
DEFAULT
W
Resets to the default SMBus address.
7:0
ADDRESS
W
New SMBus Address
TABLE 5-8:
HUB INFORMATION
USB2_HUB_INFO
(0X02)
USB2 Hub Information
Bit
Name
R/W
Description
7
CONFIGURED
R
1 = Hub is in the configured state.
2 = Hub is in the unconfigured state.
6:0
USB2_ADDRESS
R
The address of the USB2 hub.
TABLE 5-9:
HUB INFORMATION
PORT_CONNECT
(0X80)
Port Connect Status
Bit
Name
R/W
Description
7:6
Reserved
R
Reserved
5
USB2_SUSPEND
R
0 = Port is not suspended.
1 = Port is in the L2 Suspend State.
4
USB3_SUSPEND
R
0 = Port is not suspended.
1 = Port is in the U3 Suspend State.
3:2
Reserved
R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com