Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742A Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 17Page - Microchip Technology LAN8742A Datasheet HTML 18Page - Microchip Technology LAN8742A Datasheet HTML 19Page - Microchip Technology LAN8742A Datasheet HTML 20Page - Microchip Technology LAN8742A Datasheet HTML 21Page - Microchip Technology LAN8742A Datasheet HTML 22Page - Microchip Technology LAN8742A Datasheet HTML 23Page - Microchip Technology LAN8742A Datasheet HTML 24Page - Microchip Technology LAN8742A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
 2013-2015 Microchip Technology Inc.
DS00001989A-page 21
LAN8742A/LAN8742Ai
3.1.3.2
Manchester Encoding
The 4-bit wide data is sent to the 10M TX block. The nibbles are converted to a 10 Mbps serial NRZI data stream. The
10M PLL locks onto the external clock or internal oscillator and produces a 20 MHz clock. This is used to Manchester
encode the NRZ data stream. When no data is being transmitted (TXEN is low), the 10M TX block outputs Normal Link
Pulses (NLPs) to maintain communications with the remote link partner.
3.1.3.3
10M Transmit Drivers
The Manchester-encoded data is sent to the analog transmitter where it is shaped and filtered before being driven out
as a differential signal across the TXP and TXN outputs.
3.1.4
10BASE-T RECEIVE
The 10BASE-T receiver gets the Manchester- encoded analog signal from the cable via the magnetics. It recovers the
receive clock from the signal and uses this clock to recover the NRZI data stream. This 10M serial data is converted to
4-bit data nibbles which are passed to the controller via MII at a rate of 2.5 MHz.
This 10M receiver uses the following blocks:
• Filter and SQUELCH (analog)
• 10M PLL (analog)
• RX 10M (digital)
• MII (digital)
3.1.4.1
10M Receive Input and Squelch
The Manchester signal from the cable is fed into the transceiver (on inputs RXP and RXN) via 1:1 ratio magnetics. It is
first filtered to reduce any out-of-band noise. It then passes through a SQUELCH circuit. The SQUELCH is a set of
amplitude and timing comparators that normally reject differential voltage levels below 300 mV and detect and recognize
differential voltages above 585 mV.
3.1.4.2
Manchester Decoding
The output of the SQUELCH goes to the 10M RX block where it is validated as Manchester encoded data. The polarity
of the signal is also checked. If the polarity is reversed (local RXP is connected to RXN of the remote partner and vice
versa), the condition is identified and corrected. The reversed condition is indicated by the XPOL bit of the Special Con-
trol/Status Indications Register. The 10M PLL is locked onto the received Manchester signal, from which the 20 MHz
cock is generated. Using this clock, the Manchester encoded data is extracted and converted to a 10 MHz NRZI data
stream. It is then converted from serial to 4-bit wide parallel data.
The 10M RX block also detects valid 10BASE-T IDLE signals - Normal Link Pulses (NLPs) - to maintain the link.
3.1.4.3
10M Receive Data Across the RMII Interface
The 2-bit data nibbles are sent to the RMII block. These data nibbles are valid on the rising edge of the RMII REF_CLK.
3.1.4.4
Jabber Detection
Jabber is a condition in which a station transmits for a period of time longer than the maximum permissible packet length,
usually due to a fault condition, which results in holding the TXEN input for a long period. Special logic is used to detect
the jabber state and abort the transmission to the line within 45 ms. Once TXEN is deasserted, the logic resets the jabber
condition.
As shown in Section 4.2.2, "Basic Status Register", the Jabber Detect bit indicates that a jabber condition was detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com