Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742A Datasheet(PDF) 75 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 75 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 71Page - Microchip Technology LAN8742A Datasheet HTML 72Page - Microchip Technology LAN8742A Datasheet HTML 73Page - Microchip Technology LAN8742A Datasheet HTML 74Page - Microchip Technology LAN8742A Datasheet HTML 75Page - Microchip Technology LAN8742A Datasheet HTML 76Page - Microchip Technology LAN8742A Datasheet HTML 77Page - Microchip Technology LAN8742A Datasheet HTML 78Page - Microchip Technology LAN8742A Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
2013-2015 Microchip Technology Inc.
DS00001989A-page 75
LAN8742A/LAN8742Ai
4.2.17
SYMBOL ERROR COUNTER REGISTER
Index (In Decimal):
26
Size:
16 bits
Bits
Description
Type
Default
15:0
Symbol Error Counter (SYM_ERR_CNT)
This 100BASE-TX receiver-based error counter increments when an invalid
code symbol is received, including IDLE symbols. The counter is incremented
only once per packet, even when the received packet contains more than one
symbol error. This field counts up to 65,536 and rolls over to 0 if incremented
beyond it’s maximum value.
Note:
This register is cleared on reset, but is not cleared by reading the
register. It does not increment in 10BASE-T mode.
RO
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com