Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742A Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN8742A
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742A Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN8742A Datasheet HTML 35Page - Microchip Technology LAN8742A Datasheet HTML 36Page - Microchip Technology LAN8742A Datasheet HTML 37Page - Microchip Technology LAN8742A Datasheet HTML 38Page - Microchip Technology LAN8742A Datasheet HTML 39Page - Microchip Technology LAN8742A Datasheet HTML 40Page - Microchip Technology LAN8742A Datasheet HTML 41Page - Microchip Technology LAN8742A Datasheet HTML 42Page - Microchip Technology LAN8742A Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
 2013-2015 Microchip Technology Inc.
DS00001989A-page 39
LAN8742A/LAN8742Ai
3.8.1.6
nINTSEL and LED2 Polarity Selection
The nINTSEL configuration strap is shared with the LED2 pin. The LED2 output will automatically change polarity based
on the presence of an external pull-down resistor. If the LED2 pin is pulled high to VDD2A to select a logical high for
nINTSEL, then the LED2 output will be active low. If the LED2 pin is pulled low by an external pull-down resistor to select
a logical low for nINTSEL, the LED2 output will then be an active high output. Figure 3-15 details the LED2 polarity for
each nINTSEL configuration.
3.8.2
VARIABLE VOLTAGE I/O
The device’s digital I/O pins are variable voltage, allowing them to take advantage of low power savings from shrinking
technologies. These pins can operate from a low I/O voltage of +1.8 V up to +3.3 V. The applied I/O voltage must main-
tain its value with a tolerance of ±10%. Varying the voltage up or down after the transceiver has completed power-on
reset can cause errors in the transceiver operation. Refer to Chapter 5, "Operational Characteristics" for additional infor-
mation.
3.8.3
POWER-DOWN MODES
There are two device power-down modes: General Power-Down Mode and Energy Detect Power-Down Mode. These
modes are described in the following subsections.
3.8.3.1
General Power-Down
This power-down mode is controlled via the Power Down bit of the Basic Control Register. In this mode, the entire trans-
ceiver (except the management interface) is powered-down and remains in this mode as long as the Power Down bit is
“1”. When the Power Down bit is cleared, the transceiver powers up and is automatically reset.
FIGURE 3-15:
LED2/nINTSEL POLARITY CONFIGURATION
Note:
Refer to Section 3.7.4, "nINTSEL: nINT/REFCLKO Configuration" for additional information on the nINT-
SEL configuration strap.
Note:
Input signals must not be driven high before power is applied to the device.
Note:
In REF_CLK Out Mode, REFCLKO will not output when the device is in General Power-Down Mode.
~270
nINTSEL = 0
LED output = Active High
10K
~270
VDD2A
nINTSEL = 1
LED output = Active Low
LED2/nINTSEL
LED2/nINTSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com