Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741A Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 17Page - Microchip Technology LAN8741A Datasheet HTML 18Page - Microchip Technology LAN8741A Datasheet HTML 19Page - Microchip Technology LAN8741A Datasheet HTML 20Page - Microchip Technology LAN8741A Datasheet HTML 21Page - Microchip Technology LAN8741A Datasheet HTML 22Page - Microchip Technology LAN8741A Datasheet HTML 23Page - Microchip Technology LAN8741A Datasheet HTML 24Page - Microchip Technology LAN8741A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 21
LAN8741A/LAN8741Ai
3.1.4.3
10M Receive Data Across the MII/RMII Interface
For MII, the 4-bit data nibbles are sent to the MII block. In MII mode, these data nibbles are valid on the rising edge of
the 2.5 MHz RXCLK.
For RMII, the 2-bit data nibbles are sent to the RMII block. In RMII mode, these data nibbles are valid on the rising edge
of the RMII REF_CLK.
3.1.4.4
Jabber Detection
Jabber is a condition in which a station transmits for a period of time longer than the maximum permissible packet length,
usually due to a fault condition, which results in holding the TXEN input for a long period. Special logic is used to detect
the jabber state and abort the transmission to the line within 45 ms. Once TXEN is deasserted, the logic resets the jabber
condition.
As shown in Section 4.2.2, "Basic Status Register", the Jabber Detect bit indicates that a jabber condition was detected.
3.2
Auto-Negotiation
The purpose of the auto-negotiation function is to automatically configure the transceiver to the optimum link parameters
based on the capabilities of its link partner. Auto-negotiation is a mechanism for exchanging configuration information
between two link-partners and automatically selecting the highest performance mode of operation supported by both
sides. Auto-negotiation is fully defined in clause 28 of the IEEE 802.3 specification.
Once auto-negotiation has completed, information about the resolved link can be passed back to the controller via the
Serial Management Interface (SMI). The results of the negotiation process are reflected in the Speed Indication bits of
the PHY Special Control/Status Register, as well as in the Auto Negotiation Link Partner Ability Register. The auto-nego-
tiation protocol is a purely physical layer activity and proceeds independently of the MAC controller.
The advertised capabilities of the transceiver are stored in the Auto Negotiation Advertisement Register. The default
advertised by the transceiver is determined by user-defined on-chip signal options.
The following blocks are activated during an auto-negotiation session:
• Auto-negotiation (digital)
• 100M ADC (analog)
• 100M PLL (analog)
• 100M equalizer/BLW/clock recovery (DSP)
• 10M SQUELCH (analog)
• 10M PLL (analog)
• 10M Transmitter (analog)
When enabled, auto-negotiation is started by the occurrence of one of the following events:
• Hardware reset
• Software reset
• Power-down reset
• Link status down
• Setting the Restart Auto-Negotiate bit of the Basic Control Register
On detection of one of these events, the transceiver begins auto-negotiation by transmitting bursts of Fast Link Pulses
(FLP), which are bursts of link pulses from the 10M transmitter. They are shaped as Normal Link Pulses and can pass
uncorrupted down CAT-3 or CAT-5 cable. A Fast Link Pulse Burst consists of up to 33 pulses. The 17 odd-numbered
pulses, which are always present, frame the FLP burst. The 16 even-numbered pulses, which may be present or absent,
contain the data word being transmitted. Presence of a data pulse represents a “1”, while absence represents a “0”.
The data transmitted by an FLP burst is known as a “Link Code Word.” These are defined fully in IEEE 802.3 clause 28.
In summary, the transceiver advertises 802.3 compliance in its selector field (the first 5 bits of the Link Code Word). It
advertises its technology ability according to the bits set in the Auto Negotiation Advertisement Register.
Note:
RXDV goes high with the SFD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com