Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741A Datasheet(PDF) 91 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 91 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 87Page - Microchip Technology LAN8741A Datasheet HTML 88Page - Microchip Technology LAN8741A Datasheet HTML 89Page - Microchip Technology LAN8741A Datasheet HTML 90Page - Microchip Technology LAN8741A Datasheet HTML 91Page - Microchip Technology LAN8741A Datasheet HTML 92Page - Microchip Technology LAN8741A Datasheet HTML 93Page - Microchip Technology LAN8741A Datasheet HTML 94Page - Microchip Technology LAN8741A Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 106 page
background image
2013-2015 Microchip Technology Inc.
DS00001988A-page 91
LAN8741A/LAN8741Ai
5.6.3.1
100 Mbps Internal Loopback MII Timing
FIGURE 5-5:
100 MBPS INTERNAL LOOPBACK MII TIMING
TABLE 5-11:
100 MBPS INTERNAL LOOPBACK MII TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
t1
TXCLK rising edge after TXEN assertion to
RXDV assertion
(100 Mbps internal loopback MII mode)
160
161
162
ns
Note:
The t1 measurement applies in MII mode when the Loopback bit of the Basic Control Register is set to “1”
and a link has been established in 100 Mb full-duplex mode. The t1 measurement is taken from the first
rising edge of TXCLK following assertion of TXEN to the rising edge of RXDV.
TXCLK
(OUTPUT)
RXD[3:0]
(OUTPUTS)
TXEN
(INPUT)
t1
RXDV
(OUTPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com