Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741A Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 12Page - Microchip Technology LAN8741A Datasheet HTML 13Page - Microchip Technology LAN8741A Datasheet HTML 14Page - Microchip Technology LAN8741A Datasheet HTML 15Page - Microchip Technology LAN8741A Datasheet HTML 16Page - Microchip Technology LAN8741A Datasheet HTML 17Page - Microchip Technology LAN8741A Datasheet HTML 18Page - Microchip Technology LAN8741A Datasheet HTML 19Page - Microchip Technology LAN8741A Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
LAN8741A/LAN8741Ai
DS00001988A-page 16
2013-2015 Microchip Technology Inc.
TABLE 3-1:
4B/5B CODE TABLE
Code Group
Sym
Receiver Interpretation
Transmitter Interpretation
11110
0
0
0000
DATA
0
0000
DATA
01001
1
1
0001
1
0001
10100
2
2
0010
2
0010
10101
3
3
0011
3
0011
01010
4
4
0100
4
0100
01011
5
5
0101
5
0101
01110
6
6
0110
6
0110
01111
7
7
0111
7
0111
10010
8
8
1000
8
1000
10011
9
9
1001
9
1001
10110
A
A
1010
A
1010
10111
B
B
1011
B
1011
11010
C
C
1100
C
1100
11011
D
D
1101
D
1101
11100
E
E
1110
E
1110
11101
F
F
1111
F
1111
11111
I
IDLE
Sent after /T/R until TXEN
11000
J
First nibble of SSD, translated to “0101”
following IDLE, else RXER
Sent for rising TXEN
10001
K
Second nibble of SSD, translated to
“0101” following J, else RXER
Sent for rising TXEN
01101
T
First nibble of ESD, causes de-assertion of
CRS if followed by /R/, else assertion of
RXER
Sent for falling TXEN
00111
R
Second nibble of ESD, causes deasser-
tion of CRS if following /T/, else assertion
of RXER
Sent for falling TXEN
00100
H
Transmit Error Symbol
Sent for rising TXER
00110
V
INVALID, RXER if during RXDV
INVALID
11001
V
INVALID, RXER if during RXDV
INVALID
00000
V
Indicates to receiver that the transmitter
will be going to LPI
Sent due to LPI. Used to tell receiver
before transmitter goes to LPI. Also used
for refresh cycles during LPI.
00001
V
INVALID, RXER if during RXDV
INVALID
00010
V
INVALID, RXER if during RXDV
INVALID
00011
V
INVALID, RXER if during RXDV
INVALID
00101
V
INVALID, RXER if during RXDV
INVALID
01000
V
INVALID, RXER if during RXDV
INVALID
01100
V
INVALID, RXER if during RXDV
INVALID
10000
V
INVALID, RXER if during RXDV
INVALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com