Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8741A Datasheet(PDF) 101 Page - Microchip Technology

Part # LAN8741A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8741A Datasheet(HTML) 101 Page - Microchip Technology

Back Button LAN8741A Datasheet HTML 97Page - Microchip Technology LAN8741A Datasheet HTML 98Page - Microchip Technology LAN8741A Datasheet HTML 99Page - Microchip Technology LAN8741A Datasheet HTML 100Page - Microchip Technology LAN8741A Datasheet HTML 101Page - Microchip Technology LAN8741A Datasheet HTML 102Page - Microchip Technology LAN8741A Datasheet HTML 103Page - Microchip Technology LAN8741A Datasheet HTML 104Page - Microchip Technology LAN8741A Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 106 page
background image
 2013-2015 Microchip Technology Inc.
DS00001988A-page 101
LAN8741A/LAN8741Ai
Rev. 1.1
(05-21-13)
Section 5.1, "Absolute Maximum
Ratings*"
Changed: Positive voltage on XTAL1/CLKIN, with
respect to ground from “VDDCR” to “+3.6V”
Section 5.3, Table 5-1, “Package
Thermal Parameters”
Updated package thermal specification values
Section 5.4, "Power Consumption"
Updated power numbers
Section 5.5, "DC Specifications"
Changed VIHI max of ICLK Type Buffer from
“VDDCR” to “3.6”
Section 5.6, "AC Specifications"
Removed two RMII notes at beginning of section
Section 5.6.3.1, "100 Mbps Internal
Loopback MII Timing"
Added new 100 Mbps internal loopback timing
section and diagram
Section 5.6.4, "RMII Interface Timing"
• Added note detailing CRS_DV behavior as both
carrier sense and data valid
• Updated RMII timing table
Rev. 1.0
(05-11-12)
Initial Release
REVISION LEVEL
& DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com