Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3352 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3352
Description  Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3352 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3352 Datasheet HTML 3Page - National Semiconductor (TI) LM3352 Datasheet HTML 4Page - National Semiconductor (TI) LM3352 Datasheet HTML 5Page - National Semiconductor (TI) LM3352 Datasheet HTML 6Page - National Semiconductor (TI) LM3352 Datasheet HTML 7Page - National Semiconductor (TI) LM3352 Datasheet HTML 8Page - National Semiconductor (TI) LM3352 Datasheet HTML 9Page - National Semiconductor (TI) LM3352 Datasheet HTML 10Page - National Semiconductor (TI) LM3352 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics Unless otherwise specified T
A = 25˚C. (Continued)
Applications Information
Operating Principle
The LM3352 is designed to provide a step-up/step-down
voltage regulation in battery powered systems. It combines
switched capacitor circuitry, reference, comparator, and
shutdown logic in a single 16-pin TSSOP package. The
LM3352 can provide a regulated voltage between 1.8V and
4V from an input voltage between 2.5V and 5.5V. It can sup-
ply a load current up to 200 mA.
As shown in
Figure 1, the LM3352 employs two feedback
loops to provide regulation in the most efficient manner pos-
sible. The first loop is from V
OUT through the comparator
COMP, the AND gate G
1, the phase generator, and the
switch array. The comparator’s output is high when V
OUT is
less than the reference V
REF. Regulation is provided by gat-
ing the clock to the switch array. In this manner, charge is
transferred to the output only when needed. The second
loop controls the gain configuration of the switch array. This
loop consists of the comparator, the digital control block, the
phase generator, and the switch array. The digital control
block computes the most efficient gain from a set of seven
gains based on inputs from the A/D and the comparator. The
gain signal is sent to the phase generator which then sends
the appropriate timing and configuration signals to the switch
array. This dual loop provides regulation over a wide range of
loads efficiently.
Since efficiency is automatically optimized, the curves for
V
OUT vs. VIN and Efficiency vs. VIN in the Typical Perfor-
mance Characteristics section exhibit small variations. The
reason is that as input voltage or output load changes, the
digital control loops are making decisions on how to optimize
efficiency. As the switch array is reconfigured, small varia-
tions in output voltage and efficiency result. In all cases
where these small variations are observed, the part is oper-
ating correctly; minimizing output voltage changes and opti-
mizing efficiency.
Charge Pump Capacitor Selection
A 0.33 µF ceramic capacitor is suggested for C1, C2 and C3.
To ensure proper operation over temperature variations, an
X7R dielectric material is recommended.
V
OUT Ripple vs. COUT
DS101037-31
V
OUT Ripple vs. COUT
DS101037-32
DS101037-3
FIGURE 1. Block Diagram
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com