Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3352 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3352
Description  Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3352 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3352 Datasheet HTML 1Page - National Semiconductor (TI) LM3352 Datasheet HTML 2Page - National Semiconductor (TI) LM3352 Datasheet HTML 3Page - National Semiconductor (TI) LM3352 Datasheet HTML 4Page - National Semiconductor (TI) LM3352 Datasheet HTML 5Page - National Semiconductor (TI) LM3352 Datasheet HTML 6Page - National Semiconductor (TI) LM3352 Datasheet HTML 7Page - National Semiconductor (TI) LM3352 Datasheet HTML 8Page - National Semiconductor (TI) LM3352 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM3352MTCX-2.5
TSSOP-16
MTC16
2.5k Units, Tape and Reel
LM3352MTC-2.5
TSSOP-16
MTC16
94 Units, Rail
LM3352MTCX-3.0
TSSOP-16
MTC16
2.5k Units, Tape and Reel
LM3352MTC-3.0
TSSOP-16
MTC16
94 Units, Rail
LM3352MTCX-3.3
TSSOP-16
MTC16
2.5k Units, Tape and Reel
LM3352MTC-3.3
TSSOP-16
MTC16
94 Units, Rail
Pin Description
Pin Number
Name
Function
1
GND
Ground*
2
C3−
Negative Terminal for C3
3
C3+
Positive Terminal for C3
4
C2−
Negative Terminal for C2
5
C2+
Positive Terminal for C2
6
C1−
Negative Terminal for C1
7
C1+
Positive Terminal for C1
8V
OUT
Regulated Output Voltage
9
GND
Ground*
10
V
IN
Input Supply Voltage
11
NC
This pin must be left unconnected.
12
GND
Ground*
13
SD
Active Low CMOS Logic-Level Shutdown Input
14
GND
Ground*
15
C
FIL
Filter Capacitor;A1µF ceramic capacitor is suggested.
16
GND
Ground*
*All GND pins of the LM3352 must be connected to the same ground.
DS101037-2
Top View
TSSOP-16 Pin Package
See NS Package Number MTC16
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com