Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3352 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3352
Description  Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3352 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3352 Datasheet HTML 1Page - National Semiconductor (TI) LM3352 Datasheet HTML 2Page - National Semiconductor (TI) LM3352 Datasheet HTML 3Page - National Semiconductor (TI) LM3352 Datasheet HTML 4Page - National Semiconductor (TI) LM3352 Datasheet HTML 5Page - National Semiconductor (TI) LM3352 Datasheet HTML 6Page - National Semiconductor (TI) LM3352 Datasheet HTML 7Page - National Semiconductor (TI) LM3352 Datasheet HTML 8Page - National Semiconductor (TI) LM3352 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM3352
Regulated 200 mA Buck-Boost Switched Capacitor
DC/DC Converter
General Description
The LM3352 is a CMOS switched capacitor DC/DC con-
verter that produces a regulated output voltage by automati-
cally stepping up (boost) or stepping down (buck) the input
voltage. It accepts an input voltage between 2.5V and 5.5V.
The LM3352 is available in three standard output voltage
versions: 2.5V, 3.0V and 3.3V. If other output voltage options
between 1.8V and 4.0V are desired, please contact your Na-
tional Semiconductor representative.
The LM3352’s proprietary buck-boost architecture enables
up to 200 mA of load current at an average efficiency greater
than 80%. Typical operating current is only 400 µA and the
typical shutdown current is only 2.5 µA.
The LM3352 is available in a 16-pin TSSOP package. This
package has a maximum height of only 1.1 mm.
The high efficiency of the LM3352, low operating and shut-
down currents, small package size, and the small size of the
overall solution make this device ideal for battery powered,
portable, and hand-held applications.
Features
n Regulated VOUT with ±3% accuracy
n Standard output voltage options: 2.5V, 3.0V and 3.3V
n Custom output voltages available from 1.8V to 4.0V in
100 mV increments
n 2.5V to 5.5V input voltage
n Up to 200 mA output current
n >80% average efficiency
n Uses few, low-cost external components
n Very small solution size
n 400 µA typical operating current
n 2.5 µA typical shutdown current
n 1 MHz switching frequency (typical)
n Architecture and control methods provide high load
current and good efficiency
n TSSOP-16 package
n Over-temperature protection
Applications
n 1-cell Lilon battery-operated equipment including PDAs,
hand-held PCs, cellular phones
n Flat panel displays
n Hand-held instruments
n NiCd, NiMH, or alkaline battery powered systems
n 3.3V to 2.5V and 5.0V to 3.3V conversion
Typical Operating Circuit
DS101037-1
September 1999
© 1999 National Semiconductor Corporation
DS101037
www.national.com


Similar Part No. - LM3352

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM335 NSC-LM335 Datasheet
291Kb / 14P
Precision Temperature Sensors
logo
STMicroelectronics
LM335 STMICROELECTRONICS-LM335 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
LM335 STMICROELECTRONICS-LM335 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM335 NSC-LM335 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM335 TI-LM335 Datasheet
1Mb / 28P
LMx35, LMx35A Precision Temperature Sensors
More results

Similar Description - LM3352

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
Analog Devices
ADP3607 AD-ADP3607 Datasheet
146Kb / 8P
50 mA Switched Capacitor Voltage Boost with Regulated Output
REV.0
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com