Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX75303SXD Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX75303SXD
Description  Optical Switch SensorEyeC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75303SXD Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX75303SXD Datasheet HTML 2Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 3Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 4Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 5Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 6Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 7Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 8Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 9Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MLX75303
Optical Switch SensorEyeC
390107530301
Page 6 of 12
Data Sheet
Rev. 001
Feb/09
Typical ton and toff values for light intensities up to 1000x Eon (at 25degC)
MLX75303 t_On @ 5V
0
5
10
15
20
1
10
100
1000
Light Intensity (x Eon)
MLX75303 t_Off @ 5V
0
5
10
15
20
1
10
100
1000
Light Intensity (x Eon)
Typical Eon/Eoff (Hysteresis) value over temperature
E_on/E_off (Hysteresis) @ 5V
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
120
140
Temperature (degC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com