Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX75303SXD Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX75303SXD
Description  Optical Switch SensorEyeC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75303SXD Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX75303SXD Datasheet HTML 1Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 2Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 3Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 4Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 5Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 6Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 7Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 8Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MLX75303
Optical Switch SensorEyeC
390107530301
Page 1 of 12
Data Sheet
Rev. 001
Feb/09
Features
High precision light switching level
Low temperature dependency
TTL and CMOS compatible
Operating temperatures: -20..85degC
(consumer) or -40..125degC (automotive)
Supply voltage range 3V to 5.5V
Target 0 ppm defects;
guarantee <10 ppm defects
Solder reflow 260degC, MSL3
RoHS compliant lead-free
Automotive version is AEC-Q100 qualified
Applications
General
•
Contactless Switch
•
Contactless Position Switch
•
Hand presence detection, e.g. for water taps
•
Range detection, e.g. staircase detection for robot vacuum cleaners
•
Twilight Sensor, e.g. for sun screens, roof windows
•
Security Screens
Automotive
•
Steering angle measurement
•
Contactless switch for steering stocks
•
Headlights ON/OFF sensor
•
Keyless car entry – hand presence detection
Printers/Copiers
•
Paper feed detection
•
Paper size and orientation detection
•
Toner cartridge presence detection
Versions
Part No.
Temperature
Code
Package Code
Option Code
Delivery Form
MLX75303
S
-20°C to 85°C
XD
SO8 Open Cavity
Tape On Reel
MLX75303
K
-40°C to 125°C
XD
SO8 Open Cavity
Tape On Reel


Similar Part No. - MLX75303SXD

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX75303 MELEXIS-MLX75303 Datasheet
776Kb / 12P
Optical Schmitt Trigger
More results

Similar Description - MLX75303SXD

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY36 QT-CNY36 Datasheet
257Kb / 3P
SLOTTED OPTICAL SWITCH
H21A4 QT-H21A4 Datasheet
294Kb / 4P
SOLTTED OPTICAL SWITCH
H22A4 QT-H22A4 Datasheet
290Kb / 4P
SLOTTED OPTICAL SWITCH
H22B4 QT-H22B4 Datasheet
294Kb / 4P
SLOTTED OPTICAL SWITCH
OPB862N51 QT-OPB862N51 Datasheet
141Kb / 2P
SLOTTED OPTICAL SWITCH
QVB11123 QT-QVB11123 Datasheet
185Kb / 3P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB806 OPTEK-OPB806 Datasheet
245Kb / 2P
Slotted Optical Switch
OPB818 OPTEK-OPB818 Datasheet
234Kb / 2P
SLOTTED OPTICAL SWITCH
OPB857 OPTEK-OPB857 Datasheet
233Kb / 2P
Slotted Optical Switch
logo
Melexis Microelectronic...
MLX75305 MELEXIS-MLX75305 Datasheet
884Kb / 12P
Light-to-Voltage SensorEyeC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com