Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX75303SXD Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX75303SXD
Description  Optical Switch SensorEyeC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75303SXD Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX75303SXD Datasheet HTML 4Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 5Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 6Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 7Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 8Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 9Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 10Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 11Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MLX75303
Optical Switch SensorEyeC
390107530301
Page 9 of 12
Data Sheet
Rev. 001
Feb/09
Functional check of Eeon and Eeoff thresholds and timing measurements (Go-NoGo tests):
8
Applications Information
A typical connection diagram is shown in the figure below. A load resistor RL is needed to get a voltage level
out. The load capacitance CL is typically formed by the input capacitance of the component that is connected
to the sensor output, the wiring capacitance and the output capacitance of the sensor itself.
Decoupling capacitors between Vdd and Vss (1uF in parallel with 100nF) are highly recommended in all
configurations.
Recommendation: every change in the application should be agreed by both parties.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com