Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3480 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3480
Description  100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3480 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3480 Datasheet HTML 1Page - National Semiconductor (TI) LM3480 Datasheet HTML 2Page - National Semiconductor (TI) LM3480 Datasheet HTML 3Page - National Semiconductor (TI) LM3480 Datasheet HTML 4Page - National Semiconductor (TI) LM3480 Datasheet HTML 5Page - National Semiconductor (TI) LM3480 Datasheet HTML 6Page - National Semiconductor (TI) LM3480 Datasheet HTML 7Page - National Semiconductor (TI) LM3480 Datasheet HTML 8Page - National Semiconductor (TI) LM3480 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage (IN to GND)
35V
Power Dissipation (Note 5)
333mW
Junction Temp. (Note 5)
+150˚C
Ambient Storage Temp.
−65 to +150˚C
Soldering Time, Temp. (Note 6)
Wave
Infrared
Vapor Phase
4 sec., 260˚C
10 sec., 240˚C
75 sec., 219˚C
ESD (Note 7)
2kV
Operating Ratings (Note 4)
Max. Input Voltage (IN to GND)
30V
Junction Temp. (T
J)
−40 to +125˚C
Max. Power Dissipation (Note 8)
250mW
Electrical Characteristics
LM3480-3.3, LM3480-5.0
Typicals and limits appearing in normal type apply for T
A = TJ = 25˚C. Limits appearing in boldface type apply over the entire
junction temperature range for operation, −40 to +125˚C. (Notes 9, 10, 11)
Nominal Output Voltage (V
NOM)
3.3V
5.0V
Units
Symbol
Parameter
Conditions
Typical
Limit
Typical
Limit
V
OUT
Output Voltage
V
IN = VNOM + 1.5V,
1mA
≤ I
OUT ≤ 100 mA
3.30
3.17
3.14
3.43
3.46
5.00
4.80
4.75
5.20
5.25
V
V(min)
V(min)
V(max)
V(max)
∆V
OUT
Line Regulation
V
NOM + 1.5V ≤ VIN ≤ 30V,
I
OUT = 1mA
10
25
12
25
mV
mV(max)
∆V
OUT
Load Regulation
V
IN = VNOM + 1.5V,
10 mA
≤ I
OUT ≤ 100 mA
20
40
20
40
mV
mV(max)
I
GND
Ground Pin
Current
V
NOM + 1.5V ≤ VIN ≤ 30V,
No Load
2
4
2
4
mA
mA(max)
V
IN -
V
OUT
Dropout Voltage
I
OUT = 10 mA
0.7
0.9
1.0
0.7
0.9
1.0
V
V(max)
V(max)
I
OUT = 100 mA
0.9
1.1
1.2
0.9
1.1
1.2
V
V(max)
V(max)
e
n
Output Noise
Voltage
V
IN = 10V,
Bandwidth: 10 Hz to 100 kHz
100
150
µV
rms
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com