Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3480 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3480
Description  100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3480 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3480 Datasheet HTML 1Page - National Semiconductor (TI) LM3480 Datasheet HTML 2Page - National Semiconductor (TI) LM3480 Datasheet HTML 3Page - National Semiconductor (TI) LM3480 Datasheet HTML 4Page - National Semiconductor (TI) LM3480 Datasheet HTML 5Page - National Semiconductor (TI) LM3480 Datasheet HTML 6Page - National Semiconductor (TI) LM3480 Datasheet HTML 7Page - National Semiconductor (TI) LM3480 Datasheet HTML 8Page - National Semiconductor (TI) LM3480 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM3480
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage
Regulator
General Description
The LM3480 is an integrated linear voltage regulator. It fea-
tures operation from an input as high as 30V and a guaran-
teed maximum dropout of 1.2V at the full 100 mA load. Stan-
dard packaging for the LM3480 is the 3-lead SuperSOT®
package.
The 5, 12, and 15V members of the LM3480 series are in-
tended as tiny alternatives to industry standard LM78LXX
series and similar devices. The 1.2V quasi low dropout of
LM3480 series devices makes them a nice fit in many appli-
cations where the 2 to 2.5V dropout of LM78LXX series de-
vices precludes their (LM78LXX series devices) use.
The LM3480 series features a 3.3V member. The SOT pack-
aging and quasi low dropout features of the LM3480 series
converge in this device to provide a very nice, very tiny 3.3V,
100 mA bias supply that regulates directly off the system
5V±5% power supply.
Key Specifications
n 30V maximum input for operation
n 1.2V guaranteed maximum dropout over full load and
temperature ranges
n 100 mA guaranteed minimum load current
n ±5% guaranteed output voltage tolerance over full load
and temperature ranges
n −40 to +125˚C junction temperature range for operation
Features
n 3.3, 5, 12, and 15V versions available
n Packaged in the tiny 3-lead SuperSOT package
Applications
n Tiny alternative to LM78LXX series and similar devices
n Tiny 5V±5% to 3.3V, 100 mA converter
n Post regulator for switching DC/DC converter
n Bias supply for analog circuits
Typical Application Circuit
Connection Diagram
SuperSOT ® is a registered trademark of National Semiconductor.
DS100070-2
DS100070-1
Top View
SOT-23 Package
3-Lead, Molded-Plastic Small-Outline Transistor (SOT) Package
Package Code MA03B (Note 1)
June 1999
© 1999 National Semiconductor Corporation
DS100070
www.national.com


Similar Part No. - LM3480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3480 TI-LM3480 Datasheet
996Kb / 15P
LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480 TI-LM3480 Datasheet
1,021Kb / 20P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480 TECHPUBLIC-LM3480 Datasheet
1Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI2-LM3480 Datasheet
720Kb / 22P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
REVISED SEPTEMBER 2015
logo
Silicon Supplies
LM3480-5 SS-LM3480-5 Datasheet
1Mb / 5P
Linear Voltage Regulator
More results

Similar Description - LM3480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com