Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3480 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3480
Description  100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3480 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3480 Datasheet HTML 1Page - National Semiconductor (TI) LM3480 Datasheet HTML 2Page - National Semiconductor (TI) LM3480 Datasheet HTML 3Page - National Semiconductor (TI) LM3480 Datasheet HTML 4Page - National Semiconductor (TI) LM3480 Datasheet HTML 5Page - National Semiconductor (TI) LM3480 Datasheet HTML 6Page - National Semiconductor (TI) LM3480 Datasheet HTML 7Page - National Semiconductor (TI) LM3480 Datasheet HTML 8Page - National Semiconductor (TI) LM3480 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ordering Information
Output
Voltage
(V)
Order
Number
(Note 2)
Package
Marking
(Note 3)
Comments
3.3
LM3480IM3-3.3
L0A
250 Units on Tape and Reel
3.3
LM3480IM3X-3.3
L0A
3k Units on Tape and Reel
5
LM3480IM3-5.0
L0B
250 Units on Tape and Reel
5
LM3480IM3X-5.0
L0B
3k Units on Tape and Reel
12
LM3480IM3-12
L0C
250 Units on Tape and Reel
12
LM3480IM3X-12
L0C
3k Units on Tape and Reel
15
LM3480IM3-15
L0D
250 Units on Tape and Reel
15
LM3480IM3X-15
L0D
3k Units on Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com