Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2867G-P16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # F2867G-P16-R
Description  Minimum speed setting pin
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2867G-P16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  F2867G-P16-R Datasheet HTML 1Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 2Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 3Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 4Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 5Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
F2867
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R109-038.a
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
OUT2P
output2 pmos drive
2
OUT2N
output2 nmos drive
3
VCC
power supply
4
SENSE
current limiting detection pin
5
RMI
minimum speed setting pin
6
VTH
speed control pin
7
CPWM
pin to connect the capacitor for generation of the PWM basic frequency
8
FG
rotation speed detection pin
9
IN
-
Hall signal input
10
IN
+
Hall signal input
11
CT
pin to connect the lock detection capacitor
12
S-S
pin to connect the soft-start setting capacitor
13
5VREG
5V reference voltage
14
SGND
power-GND
15
OUT1N
output1 nmos drive
16
OUT1P
output1 pmos drive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com