Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2867G-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # F2867G-P16-R
Description  Minimum speed setting pin
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2867G-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  F2867G-P16-R Datasheet HTML 1Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 2Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 3Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 4Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 5Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
F2867
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R109-038.a
TYPICAL APPLICATION CIRCUIT
Notes: *1. Power−GND wiring
SGND is connected to the control circuit power supply system.
*2. Power stabilization capacitor
For the power stabilization capacitor on the signal side, use the capacitance of 1μF or more.
Connect VCC and GND with a thick and shortest pattern.
*3. Power stabilization capacitor on the power side
For the power stabilization capacitor on the power side, use the capacitance of 1μF or more.
Connect the power supply on the power side and GND with a thick and shortest pattern.
*4. IN
+, IN- pins
Hall signal input pin.
Wiring should be short to prevent carrying of noise.
If noise is carried, insert the capacitor between IN+ and IN- pins.
The Hall input circuit functions as a comparator with hysteresis (15mV).
This also has a soft switch section with ±30mV (input signal differential voltage).
It is also recommended that the Hall input level is minimum 100mV (p-p).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com