Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2867G-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F2867G-P16-R
Description  Minimum speed setting pin
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2867G-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  F2867G-P16-R Datasheet HTML 1Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 2Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 3Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 4Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 5Page - Unisonic Technologies F2867G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
F2867
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R109-038.a
VARIABLE SPEED
SINGLE-PHASE FULL-WAVE
PRE-DRIVER
DESCRIPTION
The UTC F2867 is a single-phase bipolar variable speed driving
motor pre-driver that works with external PWM signal. A highly
efficient, highly silent and low power consumption motor driver
circuit can be achieved with a few external parts. This product is
optimal for driving large scale fan motors requiring large air flow
and large current such as servers and consumer appliances.
FEATURES
* Pre-driver for single-phase full-wave drive
Low-saturation drive using external PMOS-NMOS enables
high-efficiency low power-consumption drive.
* External PWM input enabling variable speed control
Separately-excited upper direct PWM (f=30kHz) control method
enabling highly silent speed control.
* Current limiting circuit incorporated
Chopper type current limit at start.
* Reactive current cut circuit incorporated
Reactive current before phase change is cut to enable silent and
low power-consumption drive.
* Minimum speed setting pin
Minimum speed can be set by set with external resistor.
* Soft start setting pin
* Lock protection and automatic reset functions incorporated
* FG (rotation speed detection) output
* Thermal shutdown circuit incorporated
TSSOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
F2867G-P16-R
TSSOP-16
Tape Reel


Similar Part No. - F2867G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2867G-P16-R UTC-F2867G-P16-R Datasheet
196Kb / 6P
VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
More results

Similar Description - F2867G-P16-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD509 AD-AD509 Datasheet
1Mb / 4P
HIGH SPEED FAST SETTING IC OP AMP
5962-8851301PA AD-5962-8851301PA Datasheet
601Kb / 14P
High Speed, Fast Setting Precision Operational Amplifier
logo
Omron Electronics LLC
E3G-L12 OMRON-E3G-L12 Datasheet
858Kb / 17P
Distance-setting Photoelectric Sensor
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
Free Delay Time Setting Free Delay Time Setting
logo
IK Semicon Co., Ltd
IN7100N IKSEMICON-IN7100N Datasheet
235Kb / 8P
Hours and Minutes Setting
logo
Sangdest Microelectroni...
SMP1255PUTG SMC-SMP1255PUTG Datasheet
391Kb / 6P
Benchmark setting protection
logo
California Eastern Labs
THEVA12LVDR100 CEL-THEVA12LVDR100 Datasheet
781Kb / 7P
Mode Setting & LVDS-Cable
THEVA12LVDR820 CEL-THEVA12LVDR820 Datasheet
898Kb / 6P
Mode Setting & LVDS-Cable
logo
Bellnix Co.,Ltd.
BSV-HE BELLNIX-BSV-HE Datasheet
361Kb / 11P
HIGH SPEED LOAD RESPONSE, OUTPUT VOLTAGE SETTING ACCURACY짹1% POL DC-DC Converter
logo
Nuvoton Technology Corp...
NAU8315 NUVOTON-NAU8315 Datasheet
1Mb / 43P
Pin Selectable Gain Setting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com