Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8221G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L8221G-SH2-R
Description  Integrated regulated supply for LNB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8221G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L8221G-SH2-R Datasheet HTML 1Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 2Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 3Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 4Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L8221
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R123-020.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
G1
To G of fet 1
2
D1
To D of fet 1
3
D2
To D of fet 2
4
G2
To G of fet 2
5
VOUT
5V Output Terminal
6
HB
To HB osc.
7
VIN
Power Supply (Include both voltage and tone signal)
8
CSUB
Connect an external cap to -2.5V
9
GND
Gnd (connect heat sink to ground)
BLOCK DIAGRAM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com