Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8221G-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L8221G-SH2-R
Description  Integrated regulated supply for LNB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8221G-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L8221G-SH2-R Datasheet HTML 1Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 2Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 3Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 4Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L8221
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R123-020.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Drain Characteristics
D1 Output
Voltage High
VD1
I D1=10mA, VIN=15.5V
1.8
2.0
2.2
V
Leakage Current
ILEAK1
V D1=0.5, VIN=14V
10
uA
D2 Output
Voltage High
VD2
ID2=10mA, VIN=14V
1.8
2.0
2.2
V
Leakage Current
ILEAK2
VD2=0.5, VIN=15.5V
10
uA
D1, 2
Delta VD vs. VCC
∆VDV
VCC=9 ~ 21V
0.5
%/V
Delta VD vs. TJ
∆VDT
TJ=-40 ~ +85°C
50
ppm
FET Current Range
I D1, I D2
0
15
mA
Drain Current
ID
ID1, ID2, RCALA=22K
8
10
12
mA
Delta Id vs. VCC
∆IDV
VCC=9 ~ 21V
0.5
%/V
Delta Id vs. TJ
∆IDT
TJ=-40 ~ +85°C
0.05
%/°C
Notes: 1. The total combined load currents should not exceed the stated maximum load current.
2. The UTC L8221 series will also reject DiSEqC and other common switching tone bursts.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com