Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8221G-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L8221G-SH2-R
Description  Integrated regulated supply for LNB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8221G-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L8221G-SH2-R Datasheet HTML 1Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 2Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 3Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 4Page - Unisonic Technologies L8221G-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
L8221
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R123-020.a
TEST CIRCUIT
The above is partial application circuit for the UTC L8221 series showing all external components required for
appropriate biasing. The bias circuits are unconditionally stable over the full temperature range with the associated
FETs and gate and drain capacitors in circuit. Capacitors C1 and C2 ensure that residual power supply and
substrate generator noise is not allowed to affect other external circuits which may be sensitive to RF interference.
They also serve to suppress any potential RF feed through between stages via the UTC L8221 device. These
capacitors are required for all stages used. Values of 10nF and 4.7nF respectively are recommended however this is
design dependent and any value between 1nF and 100nF could be used.
The capacitor CSUB is an integral part of the UTC L8221’s negative supply generator. The negative bias voltage
is generated on-chip using an internal oscillator. The required value of capacitor CSUB is 47nF. This generator
produces a low current supply of approximately -3 volts. Although this generator is intended purely to bias the
external FETs, it can be used to power other external low current circuits via the CSUB pin.
The UTC L8221 devices have been designed to protect the external FETs form adverse operating conditions.
With a JFET connected to any bias circuit, the gate output voltage of the bias circuit can not exceed the range
-3.0V~1V under any conditions, including power up and power down transients. Should the negative bias generator
be shorted or overloaded so that the drain current of the external FETs can no longer be controlled, the drain supply
to FETs is shut down to avoid damage to the FETs by excessive drain current. The UTC L8221 incorporates over
and under voltage protection so is the receiver or installation develops a fault the LNB will shut down and restart
once operating conditions are back to normal.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com