Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9XXYYBG-AE6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR9XXYYBG-AE6-R
Description  Built-in Fold Back Protection Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9XXYYBG-AE6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR9XXYYBG-AE6-R Datasheet HTML 1Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 2Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 3Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 4Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR9XXYY
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R102-070.a
MARKING INFORMATIONS
VOLTAGE CODE
MARKING
PACKAGE
CODE
X
CODE
Y
1
1.2V
1
1.2V
2
1.5V
2
1.5V
3
1.8V
3
1.8V
4
2.0V
4
2.0V
5
2.5V
5
2.5V
6
2.8V
6
2.8V
7
3.0V
7
3.0V
8
3.3V
8
3.3V
SOT-23-6
9
3.6V
9
3.6V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CE1
Chip Enable Pin 1 (“H” Active)
2
VDD
Input Pin
3
CE2
Chip Enable Pin 2 (“H” Active)
4
VOUT2
Output Pin 2
5
GND
Ground Pin
6
VOUT1
Output Pin 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com