Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9XXYYBG-AE6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR9XXYYBG-AE6-R
Description  Built-in Fold Back Protection Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9XXYYBG-AE6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR9XXYYBG-AE6-R Datasheet HTML 1Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 2Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 3Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 4Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LR9XXYY
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R102-070.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
6.0
V
Input Voltage (CE Pin)
VCE
-0.3~6.0
V
Output Voltage
VOUT1, VOUT2
-0.3~VIN +0.3
V
Output Current
IOUT1, IOUT2
400
mA
Power Dissipation
PD
420
mW
Operating Temperature Range
TOPR
-40 ~ 85
°C
Storage Temperature Range
TSTG
-55 ~ 125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VIN=Set VOUT+1.0V for VOUT options greater than 1.5V, VIN=2.5V for VOUT≤1.5V, IOUT=1mA, CIN=COUT=0.22μF unless
otherwise noted. Values surrounded by boldface indicate the values under all temperature range, or -40°C≤TA≤85°C)
(TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VSET>2.0V
x 0.99
x 1.01
V
TOPT=25°C
VSET≤2.0V
-20
+20
mV
VSET>2.0V
x 0.97
x 1.03
V
Output Voltage
VOUT
-40°C≤TOPT≤85°C
VSET≤2.0V
-60
+60
mV
Output Current
IOUT
300
mA
Load Regulation
OUT
OUT
∆V
∆I
1mA≤IOUT≤300mA
15
40
mV
VOUT=0.8V
0.56
0.72
VOUT=0.9V
0.51
0.65
1.0V≤VOUT<1.2V
0.46
0.59
1.2V≤VOUT<1.4V
0.39
0.50
1.4V≤VOUT<1.7V
0.35
0.44
1.7V≤VOUT<2.1V
0.30
0.39
2.1V≤VOUT<2.5V
0.26
0.34
2.5V≤VOUT<3.0V
0.25
0.30
Dropout Voltage
VDIF
IOUT=300mA
VOUT=0.8V
0.22
0.29
V
Supply Current
ISS
IOUT=0mA
50
75
μA
Supply Current (Standby)
ISTANDBY VCE=0V
0.1
1.0
μA
Line Regulation
OUT
IN
∆V
∆V
VSET+0.5V≤VIN≤5.25V (VIN≥1.4V)
0.02
0.10
%/V
Ripple Rejection
RR
f=1kHz, Ripple 0.2Vp-p
VIN=VSET+1V, IOUT=30mA
(In case that VSET≤2.0V, VIN=3V)
75
dB
Input Voltage (Note 1)
VIN
1.40
5.25
V
Output Voltage Temperature
Coefficient
OUT
OPT
∆V
∆T
-40°C≤TOPT≤85°C
±80
ppm
Short Current Limit
ISC
VOUT=0V
60
mA
CE Pull-down Current
IPD
0.3
0.6
μA
CE Input Voltage “H”
VCEH
1.0
V
CE Input Voltage “L”
VCEL
0.4
V
Output Noise
en
BW=10Hz~100kHz
75
μVrms
Low Output Nch Tr. ON
Resistance (of B version)
RLOW
VIN=4.0V, VCE=0V
50
Ω
Notes: 1. The maximum Input Voltage of the ELECTRICAL CHARACTERISTICS is 5.25V. In case of exceeding this
specification, the IC must be operated on condition that the Input Voltage is up to 5.5V and the total
operating time is within 500hrs.
2. All of unit are tested and specified under load conditions such that TJ≈TOPT=25°C except for Output Noise,
Ripple Rejection, Output Voltage Temperature Coefficient and Thermal Shutdown.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com