Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9XXYYBG-AE6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9XXYYBG-AE6-R
Description  Built-in Fold Back Protection Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9XXYYBG-AE6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9XXYYBG-AE6-R Datasheet HTML 1Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 2Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 3Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 4Page - Unisonic Technologies LR9XXYYBG-AE6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9XXYY
Advance
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-070.a
300mA SMALL DUAL LDO
REGULATOR
DESCRIPTION
The UTC LR9XXYY Series are a low dropout regulator with high
output voltage accuracy, low quiescent current, low dropout, and
high ripple rejection. This regulator is based on a CMOS process.
Each of these regulator ICs contains dual LDO regulator, both of
them includes a voltage reference, an error amplifier, resistors for
setting Output Voltage, a current limit circuit, and a chip enable
circuit.
The UTC LR9XXYY Series exhibit ultra excellent line transient
response and load transient response, thus they are very suitable
for the power supply for hand-held communication equipment.
FEATURES
* Supply Current: TYP. 50μA×2 (VR1&VR2)
* Standby Current: TYP. 0.1μA×2 (VR1&VR2)
* Input Voltage Range: 1.4V~5.25V
* Output Voltage Range: 0.8V~3.7V (0.1V steps)
(For details, please refer to MARK SPECIFICATION TABLE)
* Output Voltage Accuracy: ±1.0% (VSET>2.0V, TOPT=25°C)
* Temperature-Drift Coefficient of Output Voltage: TYP. ±80ppm/°C
* Dropout Voltage: TYP. 0.25V (IOUT=300mA, VSET=2.5V)
* Ripple Rejection: TYP. 75dB (f=1kHz)
* Line Regulation: TYP. 0.02%/V
* Built-in Fold Back Protection Circuit: TYP. 60mA
(Current at short mode)
* Ceramic capacitors are recommended to be used with this IC:
1.0μF or more
SOT-23-6
(JDEDE TO-236)
4
5
3
2
1
6
RDERING INFORMATION
Ordering Number
Package
Packing
LR9XXYYBG-AE6-R
SOT-23-6
Tape Reel
Note: XXYY: Output Voltage, refer to Marking Information.
(1) R: Tape Reel
(2) AE6: SOT-23-6
(3) G: Halogen Free and Lead Free
(4) B:
without auto-discharge function at off state
(5) YY: refer to Marking Information
(6) XX: refer to Marking Information
LR9XXYYBG-AE6-R
(1)Packing Type
(2)Package Type
(3)Green Package
(4)Discharge Function
(5)Voltage Code at VOUT2
(6)Voltage Code at VOUT1


Similar Part No. - LR9XXYYBG-AE6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
300mA SMALL DUAL LDO REGULATOR
More results

Similar Description - LR9XXYYBG-AE6-R

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
FP0060 SUTEX-FP0060 Datasheet
744Kb / 5P
짹60V AC Switch with Current Fold-Back Protection
FP0100 SUTEX-FP0100 Datasheet
790Kb / 6P
Fault Protection Switch with Current Fold-back
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
Built-in Over Current Protection Circuit
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
Built-in thermal protection
logo
Supertex, Inc
FP0100 SUTEX-FP0100_10 Datasheet
838Kb / 6P
Fault Protection Switch with Current Fold-back
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
Built-in short circuit protection
logo
Seiko Instruments Inc
S-1317A10-M5T1U4 SII-S-1317A10-M5T1U4 Datasheet
2Mb / 31P
Built-in overcurrent protection circuit
S-1702 SII-S-1702 Datasheet
2Mb / 45P
Built-in overcurrent protection circuit
logo
SHENZHEN FUMAN ELECTRON...
FM5059A FUMAN-FM5059A Datasheet
420Kb / 10P
High precision built-in MOSFET lithium battery protection circuit
logo
Shenzhen Huazhimei Semi...
HM5483 HMSEMI-HM5483 Datasheet
1Mb / 10P
High-precision built-in MOSFET lithium battery protection circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com