Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3525 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3525
Description  Single Port USB Power Switch and Over-Current Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3525 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3525 Datasheet HTML 1Page - National Semiconductor (TI) LM3525 Datasheet HTML 2Page - National Semiconductor (TI) LM3525 Datasheet HTML 3Page - National Semiconductor (TI) LM3525 Datasheet HTML 4Page - National Semiconductor (TI) LM3525 Datasheet HTML 5Page - National Semiconductor (TI) LM3525 Datasheet HTML 6Page - National Semiconductor (TI) LM3525 Datasheet HTML 7Page - National Semiconductor (TI) LM3525 Datasheet HTML 8Page - National Semiconductor (TI) LM3525 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM3525
Single Port USB Power Switch and Over-Current
Protection
General Description
The LM3525 provides Universal Serial Bus standard power
switch and over-current protection for all host port applica-
tions. The single port device is ideal for Notebook PC and
Handheld PC applications that supply power to one port.
A 1 ms delay on fault flag output prevents erroneous over-
current reporting caused by inrush currents during the
hot-plug events.
The LM3525 accepts an input voltage between 2.7V and
5.5V allowing use as a device-based inrush current limiter
for 3.3V USB peripherals, as well as Root and Self-Powered
Hubs at 5.5V. The Enable input accepts both 3.3V and 5.0V
logic thresholds.
The small size, low R
ON, and 1 ms fault flag delay make the
LM3525 a good choice for root hubs as well as ganged
power control in space-critical self-powered hubs.
Features
n
1 ms Fault Flag Delay During Hot-Plug Events
n
Smooth Turn-On Eliminates Inrush Induced Voltage
Drop
n
UL Recognized Component: REF # 205202
n
1A Nominal Short Circuit Output Current Protects
Notebook PC Power Supplies
n
Thermal Shutdown Protects Device in Direct Short
Condition
n
500mA Minimum Continuous Load Current
n
Small SO-8 Package Minimizes Board Space
n
2.7V to 5.5V Input Voltage Range
n
Switch Resistance
≤ 120 mΩ Max. at V
IN = 5V
n
1µA Max Standby Current
n
100 µA Max Operating Current
n
Undervoltage Lockout (UVLO)
Applications
n
Universal Serial Bus (USB) Root Hubs including
Desktop and Notebook PC
n
USB Monitor Hubs
n
Other Self-Powered USB Hub Devices
n
High Power USB Devices Requiring Inrush Limiting
n
General Purpose High Side Switch Applications
Typical Operating Circuit and Connection Diagram
DS101055-1
DS101055-2
LM3525M-L
DS101055-31
DS101055-30
LM3525M-H
January 2000
© 2000 National Semiconductor Corporation
DS101055
www.national.com


Similar Part No. - LM3525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
LM3525 TI2-LM3525 Datasheet
730Kb / 20P
LM3525 Single Port USB Power Switch and Over-Current Protection
REVISED MARCH 2013
logo
National Semiconductor ...
LM3525A NSC-LM3525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
LM3525AJ NSC-LM3525AJ Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
LM3525AN NSC-LM3525AN Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
More results

Similar Description - LM3525

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
Triple Port USB Power Distribution Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2113 MICROCHIP-UCS2113 Datasheet
900Kb / 62P
USB Dual-Port Power Switch and Current Monitor
Rev A December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com