Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3526 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3526
Description  Dual Port USB Power Switch and Over-Current Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3526 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3526 Datasheet HTML 1Page - National Semiconductor (TI) LM3526 Datasheet HTML 2Page - National Semiconductor (TI) LM3526 Datasheet HTML 3Page - National Semiconductor (TI) LM3526 Datasheet HTML 4Page - National Semiconductor (TI) LM3526 Datasheet HTML 5Page - National Semiconductor (TI) LM3526 Datasheet HTML 6Page - National Semiconductor (TI) LM3526 Datasheet HTML 7Page - National Semiconductor (TI) LM3526 Datasheet HTML 8Page - National Semiconductor (TI) LM3526 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM3526
Dual Port USB Power Switch and Over-Current
Protection
General Description
The LM3526 provides Universal Serial Bus standard power
switch and over-current protection for all host port applica-
tions. The dual port device is ideal for Notebook and desktop
PC’s that supply power to more than one port.
A 1 ms delay on the fault flag output prevents erroneous
overcurrent reporting caused by in-rush currents during
hot-plug events.
The dual stage thermal protection circuit in the LM3526 pro-
vides individual protection to each switch and the entire de-
vice. In a short-circuit/over-current event, the switch dissipat-
ing excessive heat is turned off, allowing the second switch
to continue to function uninterrupted.
The LM3526 accepts an input voltage between 2.7V and
5.5V allowing use as a device-based in-rush current limiter
for 3.3V USB peripherals, as well as Root and Self-Powered
Hubs at 5.5V. The Enable inputs accept both 3.3V and 5.0V
logic thresholds.
The small size, low R
ON, and 1 ms fault flag delay make the
LM3526 a good choice for root hubs as well as per-port
power control in embedded and stand-alone hubs.
Features
n
1 ms fault flag delay filters Hot-Plug events
n
Smooth turn-on eliminates in-rush induced voltage drop
n
UL recognized component: REF# 205202
n
1A nominal short circuit output current protects PC
power supplies
n
Thermal shutdown protects device in direct short
condition
n
500mA minimum continuous load current
n
Small SO-8 package minimizes board space
n
2.7V to 5.5V input voltage range
n
140 m
Ω Max. switch resistance
n
1 µA Max. standby current
n
200 µA Max. operating current
n
Under-voltage lockout (UVLO)
Applications
n
Universal Serial Bus (USB) Root Hubs including
Desktop and Notebook PC
n
USB Monitor Hubs
n
Other Self-Powered USB Hub Devices
n
High Power USB Devices Requiring In-rush Limiting
n
General Purpose High Side Switch Applications
Typical Operating Circuit and Connection Diagram
DS101097-1
DS101097-2
LM3526-H
DS101097-40
DS101097-28
LM3526-L
February 2000
© 2000 National Semiconductor Corporation
DS101097
www.national.com


Similar Part No. - LM3526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3526 TI2-LM3526 Datasheet
865Kb / 21P
LM3526 Dual Port USB Power Switch and Over-Current Protection
REVISED MARCH 2013
LM3526M-H TI1-LM3526M-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
LM3526M-H/NOPB TI1-LM3526M-H/NOPB Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
LM3526M-H/NOPB TI2-LM3526M-H/NOPB Datasheet
865Kb / 21P
LM3526 Dual Port USB Power Switch and Over-Current Protection
REVISED MARCH 2013
LM3526M-H/NOPB.A TI2-LM3526M-H/NOPB.A Datasheet
865Kb / 21P
LM3526 Dual Port USB Power Switch and Over-Current Protection
REVISED MARCH 2013
More results

Similar Description - LM3526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
Triple Port USB Power Distribution Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2113-C MICROCHIP-UCS2113-C Datasheet
1Mb / 60P
USB Dual-Port Power Switch and Current Monitor
Revision A November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com