Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS266 Datasheet(PDF) 4 Page - Anachip Corp

Part # ATS266
Description  High Voltage Hall Effect Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS266 Datasheet(HTML) 4 Page - Anachip Corp

  ATS266 Datasheet HTML 1Page - Anachip Corp ATS266 Datasheet HTML 2Page - Anachip Corp ATS266 Datasheet HTML 3Page - Anachip Corp ATS266 Datasheet HTML 4Page - Anachip Corp ATS266 Datasheet HTML 5Page - Anachip Corp ATS266 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ATS266
High Voltage Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev A5 Mar 17, 2003
4/6
Magnetic Characteristics (Ta=+25oC)
(1mT=10Gauss)
A grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
10
-
70
Gauss
Release Point
Brp
-70
-
-10
Gauss
Hysteresis
Bhy
-
80
-
Gauss
B grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
-
-
100
Gauss
Release Point
Brp
-100
-
-
Gauss
Hysteresis
Bhy
-
80
-
Gauss
0
0
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
DO
DOB
Bop
Bop
Brp
Bop
Bhys
Turn on
Turn off
Bhys
Turn off
Turn on
Vsat
Vsat
Performance Characteristics (SIP4)
Ta (
°C)
25
50
60
70
80
85
90
95
100
105
110
115
120
Pd (mW) 550 440 396 352 308 286 264 242
220
198
176
154
132
P o w e r D issip a tio n C u rve
100
200
300
400
500
600
0
2 5
5 0
7 5
100
125
1 5 0
Ta (。 C)
Pd (m W )
85



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com