Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS266 Datasheet (PDF) - Anachip Corp

ATS266 Datasheet PDF - Anachip Corp
Part # ATS266
Download  ATS266 Download
File Size   170.84 Kbytes
Page   6 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description High Voltage Hall Effect Latch

ATS266 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS266 Datasheet PDF - Anachip Corp

Part # ATS266
Download  ATS266 Click to download

File Size   170.84 Kbytes
Page   6 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description High Voltage Hall Effect Latch

ATS266 Datasheet (HTML) - Anachip Corp


ATS266 Product details

General Description

ATS266 is an integrated Hall sensor with output drivers designed for electronic commutation of brush-less DC motor applications. The device includes an on-chip Hall voltage generator for magnetic sensing, a comparator that amplifies the Hall voltage, and a Schmitt trigger to provide switching hysteresis for noise rejection, and

complementary darlington open-collector drivers for sinking large current loads. An internal bandgap regulator is used to provide temperature compensated supply voltage for internal circuits and allows a wide operating supply range.



Features

- On-chip Hall plate

- Operating voltage: 4V~28V

- Output current: 400mA(Continuous)

- Reverse protection diode only for chip reverse power connecting(Note)

- Output protection Zener breakdown Vz=56V(Typ) 

- Package: SIP-4L

(Note)

Protection diode only exists at power pin(1,4) output, not including pin (2,3).



Application

- Dual-coil Brush-less DC Motor

- Dual-coil Brush-less DC Fan

- Revolution Counting

- Speed Measurement




Similar Part No. - ATS266

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS260ASM-1 CTS-ATS260ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS260ASM-1 CTS-ATS260ASM-1 Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS260ASM-1 CTS-ATS260ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS260ASM-1E CTS-ATS260ASM-1E Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS260ASM-1E CTS-ATS260ASM-1E Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
More results


Similar Description - ATS266

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
High Voltage Hall Effect Latch
Rev. 0.1 Mar 25, 2004
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
AH266 BCDSEMI-AH266_07 Datasheet
189Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
logo
Unisonic Technologies
UH266 UTC-UH266 Datasheet
177Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266_13 Datasheet
215Kb / 7P
HIGH VOLTAGE HALL EFFECT LATCH
Rev olution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com