Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS266 Datasheet(PDF) 1 Page - Anachip Corp

Part # ATS266
Description  High Voltage Hall Effect Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS266 Datasheet(HTML) 1 Page - Anachip Corp

  ATS266 Datasheet HTML 1Page - Anachip Corp ATS266 Datasheet HTML 2Page - Anachip Corp ATS266 Datasheet HTML 3Page - Anachip Corp ATS266 Datasheet HTML 4Page - Anachip Corp ATS266 Datasheet HTML 5Page - Anachip Corp ATS266 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ATS266
High Voltage Hall Effect Latch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. A5 Mar 17, 2003
1/6
Features
- On-chip Hall plate
- Operating voltage: 4V~28V
- Output current: 400mA(Continuous)
- Reverse protection diode only for chip reverse
power connecting (Note)
- Output protection Zener breakdown Vz=56V(Typ)
- Package: SIP-4L
(Note)
Protection diode only exists at power pin(1,4) output, not
including pin (2,3).
Application
- Dual-coil Brush-less DC Motor
- Dual-coil Brush-less DC Fan
- Revolution Counting
- Speed Measurement
Pin Assignment
1. VCC
2. DO
4. GND
3. DOB
General Description
ATS266 is an integrated Hall sensor with output
drivers designed for electronic commutation of
brush-less DC motor applications. The device
includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the
Hall voltage, and a Schmitt trigger to provide
switching hysteresis for noise rejection, and
complementary darlington open-collector drivers for
sinking large current loads. An internal bandgap
regulator
is
used
to
provide
temperature
compensated supply voltage for internal circuits and
allows a wide operating supply range.
If a magnetic flux density (B) is larger than operate
point (Bop), DO turn on (low) and DOB turn off
(high). The outputs state is latched prior to release
point (Brp) coming. if B< Brp, DO turn off and DOB
turn on. ATS266 is rated for operation over
temperature range from -20
oC to 85 oC and voltage
range from 4.0V to 28V. The devices are available
in low cost die forms or rugged 4 pin SIP packages.
Pin Configuration
Name
Description
VCC
Positive Power Supply
DO
Output Pin
DOB
Output Pin
GND
Ground
Ordering Information
ATS266 X -X X X -X
Packing
Blank : Tube
A : Taping
P: SIP-4L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
A or B


Similar Part No. - ATS266

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS260ASM-1 CTS-ATS260ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS260ASM-1 CTS-ATS260ASM-1 Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS260ASM-1 CTS-ATS260ASM-1 Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS260ASM-1E CTS-ATS260ASM-1E Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS260ASM-1E CTS-ATS260ASM-1E Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
More results

Similar Description - ATS266

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
High Voltage Hall Effect Latch
Rev. 0.1 Mar 25, 2004
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
AH266 BCDSEMI-AH266_07 Datasheet
189Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
logo
Unisonic Technologies
UH266 UTC-UH266 Datasheet
177Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266_13 Datasheet
215Kb / 7P
HIGH VOLTAGE HALL EFFECT LATCH
Rev olution
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com