Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM359
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM359 Datasheet HTML 1Page - National Semiconductor (TI) LM359 Datasheet HTML 2Page - National Semiconductor (TI) LM359 Datasheet HTML 3Page - National Semiconductor (TI) LM359 Datasheet HTML 4Page - National Semiconductor (TI) LM359 Datasheet HTML 5Page - National Semiconductor (TI) LM359 Datasheet HTML 6Page - National Semiconductor (TI) LM359 Datasheet HTML 7Page - National Semiconductor (TI) LM359 Datasheet HTML 8Page - National Semiconductor (TI) LM359 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Electrical Characteristics (Continued)
I
SET(IN) = ISET(OUT) = 0.5 mA, Vsupply = 12V, TA = 25˚C unless otherwise noted
Parameter
Conditions
LM359
Units
Min
Typ
Max
Output Currents
Source
I
IN(−) and IIN(+) Grounded, RL = 100Ω
16
40
mA
Sink (Linear Region)
V
comp−0.5V = VOUT = 1V, IIN(+) = 0
4.7
mA
Sink (Overdriven)
I
IN(−) = 100 µA, IIN(+) = 0,
1.5
3
mA
V
OUT Force = 1V
Supply Current
Non-Inverting Input
18.5
22
mA
Grounded, R
L =
Power Supply Rejection
f = 120 Hz, I
IN(+) Grounded
40
50
dB
(Note 4)
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: See Maximum Power Dissipation graph.
Note 3: Mirror gain is the current gain of the current mirror which is used as the non-inverting input.
∆Mirror Gain is the % change in AI for two different mirror currents at any given temperature.
Note 4: See Supply Rejection graphs.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com