Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM359
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM359 Datasheet HTML 11Page - National Semiconductor (TI) LM359 Datasheet HTML 12Page - National Semiconductor (TI) LM359 Datasheet HTML 13Page - National Semiconductor (TI) LM359 Datasheet HTML 14Page - National Semiconductor (TI) LM359 Datasheet HTML 15Page - National Semiconductor (TI) LM359 Datasheet HTML 16Page - National Semiconductor (TI) LM359 Datasheet HTML 17Page - National Semiconductor (TI) LM359 Datasheet HTML 18Page - National Semiconductor (TI) LM359 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Typical Applications (Continued)
Noise Reduction using nV
BE Biasing
DS007788-25
nV
BE Biasing with a Negative Supply
DS007788-26
•
R1 and C2 provide additional filtering of the negative bi-
asing supply
Typical Input Referred Noise Performance
DS007788-27
Adding a JFET Input Stage
DS007788-28
•
FET input voltage mode op amp
•
For A
V = +1; BW = 40 MHz, Sr = 60 V/µs; CC = 51 pF
•
For A
V = +11; BW = 24 MHz, Sr = 130 V/µs; CC = 5pF
•
For A
V = +100; BW = 4.5 MHz, Sr = 150 V/µs; CC = 2pF
•
V
OS is typically <25 mV; 100Ω potentiometer allows a
V
OS adjust range of ≈ ±200 mV
•
Inputs must be DC biased for single supply operation
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com