Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM359 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM359
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM359 Datasheet HTML 1Page - National Semiconductor (TI) LM359 Datasheet HTML 2Page - National Semiconductor (TI) LM359 Datasheet HTML 3Page - National Semiconductor (TI) LM359 Datasheet HTML 4Page - National Semiconductor (TI) LM359 Datasheet HTML 5Page - National Semiconductor (TI) LM359 Datasheet HTML 6Page - National Semiconductor (TI) LM359 Datasheet HTML 7Page - National Semiconductor (TI) LM359 Datasheet HTML 8Page - National Semiconductor (TI) LM359 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
22 V
DC
or ±11 V
DC
Power Dissipation (Note 2)
J Package
1W
N Package
750 mW
Maximum T
J
J Package
+150˚C
N Package
+125˚C
Thermal Resistance
J Package
θ
jA
147˚C/W still air
110˚C/W with 400 linear feet/min air flow
N Package
θ
jA
100˚C/W still air
75˚C/W with 400 linear feet/min air flow
Input Currents, I
IN(+) or IIN(−)
10 mA
DC
Set Currents, I
SET(IN) or ISET(OUT)
2mA
DC
Operating Temperature Range
LM359
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
ESD rating to be determined.
Electrical Characteristics
I
SET(IN) = ISET(OUT) = 0.5 mA, Vsupply = 12V, TA = 25˚C unless otherwise noted
Parameter
Conditions
LM359
Units
Min
Typ
Max
Open Loop Voltage
V
supply = 12V, RL = 1k, f = 100 Hz
62
72
dB
Gain
T
A = 125˚C
68
dB
Bandwidth
R
IN = 1kΩ,Ccomp = 10 pF
15
30
MHz
Unity Gain
Gain Bandwidth Product
R
IN = 50Ω to 200Ω
200
400
MHz
Gain of 10 to 100
Slew Rate
Unity Gain
R
IN = 1kΩ,Ccomp = 10 pF
30
V/µs
Gain of 10 to 100
R
IN < 200Ω
60
V/µs
Amplifier to Amplifier
f = 100 Hz to 100 kHz, R
L = 1k
−80
dB
Coupling
Mirror Gain
at 2 mA I
IN(+), ISET = 5 µA, TA = 25˚C
0.9
1.0
1.1
µA/µA
(Note 3)
at 0.2 mA I
IN(+), ISET = 5 µA
0.9
1.0
1.1
µA/µA
Over Temp.
at 20 µA I
IN(+), ISET = 5 µA
0.9
1.0
1.1
µA/µA
Over Temp.
∆Mirror Gain
at 20 µA to 0.2 mA I
IN(+)
3
5
%
(Note 3)
Over Temp, I
SET = 5µA
Input Bias Current
Inverting Input, T
A = 25˚C
8
15
µA
Over Temp.
30
µA
Input Resistance (
βre)
Inverting Input
2.5
k
Ω
Output Resistance
I
OUT = 15 mA rms, f = 1 MHz
3.5
Ω
Output Voltage Swing
R
L = 600Ω
V
OUT High
I
IN(−) and IIN(+) Grounded
9.5
10.3
V
V
OUT Low
I
IN(−) = 100 µA, IIN(+) = 0
2
50
mV
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com