Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39SF040 Datasheet(PDF) 27 Page - Microchip Technology

Part # SST39SF040
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39SF040 Datasheet(HTML) 27 Page - Microchip Technology

Back Button SST39SF040 Datasheet HTML 21Page - Microchip Technology SST39SF040 Datasheet HTML 22Page - Microchip Technology SST39SF040 Datasheet HTML 23Page - Microchip Technology SST39SF040 Datasheet HTML 24Page - Microchip Technology SST39SF040 Datasheet HTML 25Page - Microchip Technology SST39SF040 Datasheet HTML 26Page - Microchip Technology SST39SF040 Datasheet HTML 27Page - Microchip Technology SST39SF040 Datasheet HTML 28Page - Microchip Technology SST39SF040 Datasheet HTML 29Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
©2002-2016
DS20005022C
04/16
27
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Figure 22:32-pin Plastic Dual In-line Pins (PDIP)
SST Package Code: PH
32-pdip-PH-3
Pin #1 Identifier
CL
32
1
Base
Plane
Seating
Plane
Note:
1. Complies with JEDEC publication 95 MO-015 AP dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (max/min).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .010 inches.
.200
.170
7°
4 PLCS.
.600 BSC
.100 BSC
.150
.120
.022
.016
.065
.045
.080
.070
.050
.015
.075
.065
1.655
1.645
.012
.008
0°
15°
.625
.600
.550
.530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com