Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39SF040 Datasheet(PDF) 9 Page - Microchip Technology

Part # SST39SF040
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39SF040 Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST39SF040 Datasheet HTML 5Page - Microchip Technology SST39SF040 Datasheet HTML 6Page - Microchip Technology SST39SF040 Datasheet HTML 7Page - Microchip Technology SST39SF040 Datasheet HTML 8Page - Microchip Technology SST39SF040 Datasheet HTML 9Page - Microchip Technology SST39SF040 Datasheet HTML 10Page - Microchip Technology SST39SF040 Datasheet HTML 11Page - Microchip Technology SST39SF040 Datasheet HTML 12Page - Microchip Technology SST39SF040 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
©2002-2016
DS20005022C
04/16
9
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Software Data Protection (SDP)
The SST39SF010A/020A/040 provide the JEDEC approved Software Data Protection scheme for all
data alteration operations, i.e., Program and Erase. Any Program operation requires the inclusion of a
series of three-byte sequence. The three-byte load sequence is used to initiate the Program operation,
providing optimal protection from inadvertent Write operations, e.g., during the system power-up or
power-down. Any Erase operation requires the inclusion of six-byte load sequence. The
SST39SF010A/020A/040 devices are shipped with the Software Data Protection permanently
enabled. See Table 4 for the specific software command codes. During SDP command sequence,
invalid commands will abort the device to read mode, within TRC.
Product Identification
The Product Identification mode identifies the device as the SST39SF040, SST39SF010A, or
SST39SF020A and manufacturer as SST. This mode may be accessed by software operations. Users
may wish to use the software Product Identification operation to identify the part (i.e., using the device
ID) when using multiple manufacturers in the same socket. For details, Table 4 for software operation,
Figure 12 for the software ID entry and read timing diagram and Figure 18 for the ID entry command
sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software Product Identification mode must be exited.
Exit is accomplished by issuing the Exit ID command sequence, which returns the device to the Read
operation. Please note that the software reset command is ignored during an internal Program or
Erase operation. See Table 4 for software command codes, Figure 13 for timing waveform and Figure
18 for a flowchart.
Table 2: Product Identification
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39SF010A
0001H
B5H
SST39SF020A
0001H
B6H
SST39SF040
0001H
B7H
T2.2 25022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com