Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39SF040 Datasheet(PDF) 28 Page - Microchip Technology

Part # SST39SF040
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39SF040 Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST39SF040 Datasheet HTML 21Page - Microchip Technology SST39SF040 Datasheet HTML 22Page - Microchip Technology SST39SF040 Datasheet HTML 23Page - Microchip Technology SST39SF040 Datasheet HTML 24Page - Microchip Technology SST39SF040 Datasheet HTML 25Page - Microchip Technology SST39SF040 Datasheet HTML 26Page - Microchip Technology SST39SF040 Datasheet HTML 27Page - Microchip Technology SST39SF040 Datasheet HTML 28Page - Microchip Technology SST39SF040 Datasheet HTML 29Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
©2002-2016
DS20005022C
04/16
28
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Table 13: Revision History
Revision
Description
Date
02
•
2002 Data Book
May 2002
03
•
Changes to Table 7 on page 12
•
Added footnote for MPF power usage and Typical conditions
•
Clarified the Test Conditions for Power Supply Current and Read
parameters
•
Clarified IDD Write to be Program and Erase
Mar 2003
04
•
Document status changed from “Preliminary Specification” to “Data
Sheet”
•
Changed IDD Program and Erase max values from 25 to 35 in Table 7
on page 12
Oct 2003
05
•
2004 Data Book
•
Added non-Pb MPNs and removed footnote (See page 24)
Nov 2003
06
•
Corrected Revision History for Version 04:
IDD max value was incorrectly stated as 30 mA instead of 35 mA
Aug 2004
07
•
Removed leaded parts from valid combinations. See PSN-D0PB0001
Mar 2009
08
•
Changed endurance from 10,000 to 100,000 in Product Description,
page 1
Sep 2009
09
•
End of Life for all 45 ns valid combinations. See S71147(02).
•
Added replacement 55 ns valid combinations
Jan 2010
A
•
All 45 ns parts reinstated.
•
Applied new document format
•
Released document under letter revision system
•
Updated spec number from S71147 to DS25022
Jul 2011
B
•
End of Life for all 45 ns valid combinations.
•
Updated Table 6 and Table 11
Apr 2013
C
•
Corrected typo in “Product Ordering Information” on page 23.
Apr 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com