Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-92 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # TO-92
Description  Packaging for Automatic Handling
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

TO-92 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  TO-92 Datasheet HTML 1Page - Advanced Monolithic Systems TO-92 Datasheet HTML 2Page - Advanced Monolithic Systems TO-92 Datasheet HTML 3Page - Advanced Monolithic Systems TO-92 Datasheet HTML 4Page - Advanced Monolithic Systems TO-92 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TAPE AND REEL SPECIFICATIONS
EMBOSSED TAPE – CONSTANT DIMEMSIONS
Tape Size
D
E
P0
t (Max.)
A0 B0 K0
12mm
16mm
24mm
1.5
+0.10
–0.0
(0.059) +0.004
-0.0
1.75± 0.10
(0.069± 0.004)
4.0± 0.10
(0.157± 0.004)
(0.024)
0.600
See Note 1
EMBOSSED TAPE – VARIABLE DIMEMSIONS
Tape Size
B1 Max.
D1 Max.
F
K Max.
P2
R Min
W
12mm
8.2
(0.323)
1.5
(0.059)
5.5
± 0. 05
(0.217
± 0.002)
6.5
(0.256)
2.0
± 0. 05
(0.079
± 0.002)
30
(1.181)
12.0
± 0. 30
(0.472
± 0.012)
16mm
12.1
(0.476)
7.5
± 0. 10
(0.295
± 0.004)
2.0
± 0. 10
(0.079
± 0.004)
40
(1.575)
16
± 0. 30
(0.630
± 0.012)
24mm
20.1
(0.791)
11.5
± 0. 10
(0.453
± 0.004)
50
(1.969)
24
± 0. 30
(0.945
± 0.012)
Note1: A0 B0 K0 are determined by component size. The clearance between the component and the cavity must be within 0.05(0.002) min. to 0.65 (0.026)
max. for 12mm tape and 0.05(0.002) min. to 0.90 (0.035) max. for 16mm tape. The component cannot rotate more than 10
° witin the determined cavity.
Note 2: Tape and components shall pass around radius “R” without damage.
Note 3: Dimensions are in millimeters (inches) unless otherwise noted.
BENDING RADIUS
BENDING RADIUS
SEE NOTE 2
R MIN
SMTR AMS DRW# 040202



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com