Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-92 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # TO-92
Description  Packaging for Automatic Handling
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

TO-92 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  TO-92 Datasheet HTML 1Page - Advanced Monolithic Systems TO-92 Datasheet HTML 2Page - Advanced Monolithic Systems TO-92 Datasheet HTML 3Page - Advanced Monolithic Systems TO-92 Datasheet HTML 4Page - Advanced Monolithic Systems TO-92 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TAPE AND REEL SPECIFICATIONS
COMPONENT ROTATION
TYPICAL
COMPONENT CAVITY
CENTER LINE
TYPICAL
COMPONENT
CENTER LINE
10° MAXIMUM
COMPONENT
ROTATION
SMTR AMS DRW# 040203
REEL DIMENSIONS
A
D
C
B
W
2
(MEASURED AT HUB)
W
1
(MEASURED AT HUB)
SMTR AMS DRW# 040204
TAPE SIZE
A
B MIN
C
D MIN
W 1
W2
12mm
330
+0.25
–4.0
(12.992) +0.010
-0.158
1.5
(0.059)
13.0
± 0.20
(0.512
± 0.008)
20.2
(0.795)
12.4
+2.0
–0.0
(0.488) +0.078
-0.0
18.4
(0.724)
16mm
330
+0.25
–4.0
(12.992) +0.010
-0.158
1.5
(0.059)
13.0
± 0.20
(0.512
± 0.008)
20.2
(0.795)
16.4
+2.0
–0.0
(0.646) +0.078
-0.0
22.4
(0.882)
24mm
330
+0.25
–4.0
(12.992) +0.010
-0.158
1.5
(0.059)
13.0
± 0.20
(0.512
± 0.008)
20.2
(0.795)
24.4
+2.0
–0.0
(0.961) +0.078
-0.0
30.4
(1.197)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com