Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-92 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # TO-92
Description  Packaging for Automatic Handling
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

TO-92 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  TO-92 Datasheet HTML 1Page - Advanced Monolithic Systems TO-92 Datasheet HTML 2Page - Advanced Monolithic Systems TO-92 Datasheet HTML 3Page - Advanced Monolithic Systems TO-92 Datasheet HTML 4Page - Advanced Monolithic Systems TO-92 Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Advanced
Packaging for Automatic Handling
Monolithic
Tape & Reel and Ammo Pack
Systems
Tape and Reel Packing
Tape and reel packing is available for all SO, SOT-223, TO-92, DD and D
packages. Surface mount packages are retained in an embossed carrier tape
by a cover tape. For TO-92 package, the leads are secured to a backing tape
by a cover tape.
Ammo Pack
TO-92 packages are also available in “ammo pack”, in which the leads are
secured to a backing tape by a cover tape and are fanfolded into a box.
Tape and Reel Specifications
AMS Package
Code
Package type
Quantity/ reel
Reel Diameter
Carrier Tape
Width
Carrier Tape
Pitch
S
SO-8
2,500
13”
12mm
8mm
S
SO-14
2,500
13”
16mm
8mm
S
SO-16
2,500
13”
16mm
8mm
M
SOT-23-3
3,000
7”
8mm
4mm
M-1
SOT-23-5
3,000
7”
8mm
4mm
M-2
SOT-23-6
3,000
7”
8mm
4mm
L
SOT-89
1,000
7”
12mm
8mm
SOT-223
2,500
13”
12mm
8mm
M
TO-263-2L
500
13”
24mm
16mm
TO-263-3L
500
13”
24mm
16mm
TO-263-5L
500
13”
24mm
16mm
D
TO-252
2,500
13”
16mm
8mm
N
TO-92
2,000
14”
18mm
12mm
EMBOSSED CARRIER DIMENSIONS (12mm, 16mm, 24mm tape only)
A
0
B
0
P
EMBOSSMENT
USER DIRECTION OF FEED
CENTER LINES
OF CAVITY
D
1
FOR COMPONENTS
2.0mmX1.2mm
AND LARGER
P
0
P
2
D
SEE NOTE 1
E
W
F
10 PITCHES CUMULATIVE
TOLERANCE ON TAPE
±0.2mm(±0.008)
B
1
K
0
SEE NOTE 1
TOP COVER
TAPE
K
t
FOR MACHINE
REFERENCE ONLY
INCLUDING DRAFT AND
RADII CONCENTRIC
AROUND B
0


Similar Part No. - TO-92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-92 ETC-TO-92 Datasheet
169Kb / 4P
TO-92 (3 leads) Leaded Thru-hole Plastic Package
TO-92 ETC2-TO-92 Datasheet
15Kb / 2P
DING-DONG SOUND EFFECT GENERATOR IC
logo
Suntac Electronic Corp.
TO-92 SUNTAC-TO-92 Datasheet
94Kb / 3P
NPN POWER TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
144Kb / 1P
TRANSISTOR (PNP)
TO-92 WINNERJOIN-TO-92 Datasheet
138Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - TO-92

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SLD65018 SAMSUNG-SLD65018 Datasheet
2Mb / 29P
General handling precautions
logo
Wolfson Microelectronic...
WAN-0165 WOLFSON-WAN-0165 Datasheet
80Kb / 4P
Safe Handling and Packaging of Tape and Reel Product to be Returned
WAN-0164 WOLFSON-WAN-0164 Datasheet
93Kb / 5P
Safe Handling and Packaging of Tray Product to be Returned
logo
List of Unclassifed Man...
IS15AACP4CF ETC2-IS15AACP4CF Datasheet
682Kb / 8P
PRECAUTIONS FOR HANDLING & STORAGE
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E_14 Datasheet
611Kb / 57P
DMA Capabilities for Message Handling
logo
STMicroelectronics
AN1776 STMICROELECTRONICS-AN1776 Datasheet
83Kb / 13P
INTERRUPT HANDLING FOR STR7 MICROCONTROLLERS
28-Nov-2005
logo
Ohmite Mfg. Co.
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
Designed for automatic insertion
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
Designed for automatic insertion
logo
Micross Components
HMC130 MICROSS-HMC130 Datasheet
842Kb / 9P
Die handling consultancy
logo
List of Unclassifed Man...
CXD5602PWBCAM1 ETC-CXD5602PWBCAM1 Datasheet
507Kb / 3P
Handling Manual
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com