Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1678 Datasheet(PDF) 39 Page - Microchip Technology

Part # IS1678
Description  Bluetooth짰 Dual-Mode SoC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1678 Datasheet(HTML) 39 Page - Microchip Technology

Back Button IS1678 Datasheet HTML 35Page - Microchip Technology IS1678 Datasheet HTML 36Page - Microchip Technology IS1678 Datasheet HTML 37Page - Microchip Technology IS1678 Datasheet HTML 38Page - Microchip Technology IS1678 Datasheet HTML 39Page - Microchip Technology IS1678 Datasheet HTML 40Page - Microchip Technology IS1678 Datasheet HTML 41Page - Microchip Technology IS1678 Datasheet HTML 42Page - Microchip Technology IS1678 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
IS1678
 2016 Microchip Technology Inc.
Advance Information
DS60001386A-Page 39
TABLE 8-1:
PACKAGING DIMENSIONS
A0
B0
K0
Unit
Notes
6.30
6.30
1.10
mm
1.
10 sprocket hole pitch with cumulative tolerance ±0.2
2.
Material: PS + C
3.
Camber not to exceed 1 mm in 100 mm
4.
Pocket position relative to sprocket hole measured as true
position of pocket, not pocket hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com