Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1678 Datasheet(PDF) 13 Page - Microchip Technology

Part # IS1678
Description  Bluetooth짰 Dual-Mode SoC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1678 Datasheet(HTML) 13 Page - Microchip Technology

Back Button IS1678 Datasheet HTML 9Page - Microchip Technology IS1678 Datasheet HTML 10Page - Microchip Technology IS1678 Datasheet HTML 11Page - Microchip Technology IS1678 Datasheet HTML 12Page - Microchip Technology IS1678 Datasheet HTML 13Page - Microchip Technology IS1678 Datasheet HTML 14Page - Microchip Technology IS1678 Datasheet HTML 15Page - Microchip Technology IS1678 Datasheet HTML 16Page - Microchip Technology IS1678 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001386A-Page 13
IS1678
2.6
Wake Up pin
The WAKE_UP input pin (active-low) wakes up the
IS1678S/SM from the S2 mode and wake up is always
from Sleep mode to Standby mode. Figure 2-5 illus-
trates the timing diagram of the WAKE_UP pin.
FIGURE 2-5:
WAKE UP TIME(1,2)
Note 1:
The 85 ms is for reference purpose only and users must check the status pin.
2:
See Table 2-3 for the states of the P0_4 and P1_5 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com