Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1678 Datasheet(PDF) 9 Page - Microchip Technology

Part # IS1678
Description  Bluetooth짰 Dual-Mode SoC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1678 Datasheet(HTML) 9 Page - Microchip Technology

Back Button IS1678 Datasheet HTML 5Page - Microchip Technology IS1678 Datasheet HTML 6Page - Microchip Technology IS1678 Datasheet HTML 7Page - Microchip Technology IS1678 Datasheet HTML 8Page - Microchip Technology IS1678 Datasheet HTML 9Page - Microchip Technology IS1678 Datasheet HTML 10Page - Microchip Technology IS1678 Datasheet HTML 11Page - Microchip Technology IS1678 Datasheet HTML 12Page - Microchip Technology IS1678 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001386A-Page 9
IS1678
2.0
APPLICATION INFORMATION
2.1
System Configuration Pins
The I/O pins, P2_0, P2_4, and EAN, place the
IS1678S/SM in operation modes. These pins have
internal pull-ups and enables configuration settings and
firmware updation. Table 2-1 provides system configu-
ration setting details.
TABLE 2-1:
SYSTEM CONFIGURATION SETTINGS
2.2
Control and Indication Pins
The I/O pins, P0_0, P0_5, P1_7, P3_1, P3_2, P3_3,
P3_4, and P3_7, are configuration control and indica-
tion signal pins. The control signals are input to the
IS1678S/SM and the Indication signals are output from
the IS1678S/SM. Table 2-2 provides the default I/O pin
configuration details.
TABLE 2-2:
CONFIGURATION AND INDICATION I/O ASSIGNMENTS
Note 1:
The RTS and CTS pins are fixed and cannot be configured while using the flow control, or else these pins
can be configured as GPIOs.
2:
The RTS pin can only be assigned to P0_0 pin and the CTS pin can only be assigned to P1_7.
IC
P2_0
P2_4
EAN
Operational Mode
IS1678S
Low
High
High
Write EEPROM and Test mode
High
High
High
Normal Operation mode or Application mode
IS1678SM
Low
Low
High
Write Flash
Low
High
Low
Write EEPROM and Test mode
High
High
Low
Normal Operation/Application mode
P0_0
■
P0_5
■
P1_7
■
P3_1
■
P3_2
■
P3_3
■
P3_4
■
P3_7
■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com